Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9608 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC9608
Description  1:10 LVCMOS Zero Delay Clock Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9608 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC9608 Datasheet HTML 1Page - Renesas Technology Corp MPC9608 Datasheet HTML 2Page - Renesas Technology Corp MPC9608 Datasheet HTML 3Page - Renesas Technology Corp MPC9608 Datasheet HTML 4Page - Renesas Technology Corp MPC9608 Datasheet HTML 5Page - Renesas Technology Corp MPC9608 Datasheet HTML 6Page - Renesas Technology Corp MPC9608 Datasheet HTML 7Page - Renesas Technology Corp MPC9608 Datasheet HTML 8Page - Renesas Technology Corp MPC9608 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MPC9608 REVISION 4 MARCH 15, 2016
2
©2016 Integrated Device Technology, Inc.
MPC9608 Data Sheet
1:10 LVCMOS ZERO DELAY CLOCK BUFFER
Figure 1. MPC9608 Logic Diagram
PLL
FB_IN
QA0
QA1
QA2
QA3
QA4
Ref
FB
CCLK
QFB
2
2
QB0
QB1
QB2
QB3
QB4
Bank A
Bank B
PLL feedback
BSEL
CLK_STOP
VCO
CCLK
STOP
F_RANGE[0:1]
00: 100-200 MHz
01: 50-100 MHz
10: 25- 50 MHz
11:12.5- 25 MHz
25k
25k
25k
25k
25k
25k
25k
OE
PLL_EN
VCC
QA4
QA3
QA2
GND
QA1
QA0
VCC
QB4
QB3
QB2
GND
QB1
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
123
4567
8
24
23
22
21
20
19
18
17
16
MPC9608
VCC
QB0
VCC
Figure 2. MPC9608 32-Lead Package Pinout (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com