Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC96877 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # MPC96877
Description  1.8 V PLL 1:10 Differential SDRAM Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC96877 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button MPC96877 Datasheet HTML 6Page - Renesas Technology Corp MPC96877 Datasheet HTML 7Page - Renesas Technology Corp MPC96877 Datasheet HTML 8Page - Renesas Technology Corp MPC96877 Datasheet HTML 9Page - Renesas Technology Corp MPC96877 Datasheet HTML 10Page - Renesas Technology Corp MPC96877 Datasheet HTML 11Page - Renesas Technology Corp MPC96877 Datasheet HTML 12Page - Renesas Technology Corp MPC96877 Datasheet HTML 13Page - Renesas Technology Corp MPC96877 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MPC96877
FREESCALE SEMICONDUCTOR ADVANCED CLOCK DRIVERS DEVICE DATA
557
TEST CIRCUIT AND SWITCHING WAVEFORMS (Continued)
Figure 12. Time Delay between OE
and Clock Output
Figure 11. Dynamic Phase Offset
CK
CK
t(ø)
t(ø)
t(ø) dyn
t(ø) dyn
FBIN
FBIN
SSC OFF
SSC ON
t(ø) dyn
t(ø) dyn
SSC OFF
SSC ON
OE
Y/Y
OE
50% VDDQ
50% VDDQ
50% VDDQ
50% VDDQ
Y
Y
ten
tdis
MPC96877
1.8 V PLL 1:10 Differential SDRAM Clock Driver
NETCOM
IDT™ 1.8 V PLL 1:10 Differential SDRAM Clock Driver
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MPC96877
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com