Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC96877 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # MPC96877
Description  1.8 V PLL 1:10 Differential SDRAM Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC96877 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button MPC96877 Datasheet HTML 6Page - Renesas Technology Corp MPC96877 Datasheet HTML 7Page - Renesas Technology Corp MPC96877 Datasheet HTML 8Page - Renesas Technology Corp MPC96877 Datasheet HTML 9Page - Renesas Technology Corp MPC96877 Datasheet HTML 10Page - Renesas Technology Corp MPC96877 Datasheet HTML 11Page - Renesas Technology Corp MPC96877 Datasheet HTML 12Page - Renesas Technology Corp MPC96877 Datasheet HTML 13Page - Renesas Technology Corp MPC96877 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MPC96877
558
FREESCALE SEMICONDUCTOR ADVANCED CLOCK DRIVERS DEVICE DATA
RECOMMENDED FILTERING FOR THE ANALOG POWER SUPPLY (AVDD)
Figure 13. AVDD Filtering
NOTES:
1. Place the 2200pF capacitor close to the PLL
2. Use a wide trace for the PLL analog power and ground. Connect
PLL and caps to AGND to AGND trace & connect trace to one GND
via (farthest from PLL).
3. Recommended bead: Fair Rite P/N 2506036017Y0 or equivalent
(0.8 Ohm DC max, 600 Ohms @ 100 MHz)
GND
CARD
VIA
Bead
0603
AVDD
1 ohm
R1
R1
AGND
VDDQ
4.7 uF
1206
4.7 uF
1206
4.7 uF
1206
PLL
MPC96877
1.8 V PLL 1:10 Differential SDRAM Clock Driver
NETCOM
IDT™ 1.8 V PLL 1:10 Differential SDRAM Clock Driver
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MPC96877
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com