Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9824 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC9824
Description  Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9824 Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC9824 Datasheet HTML 1Page - Renesas Technology Corp MPC9824 Datasheet HTML 2Page - Renesas Technology Corp MPC9824 Datasheet HTML 3Page - Renesas Technology Corp MPC9824 Datasheet HTML 4Page - Renesas Technology Corp MPC9824 Datasheet HTML 5Page - Renesas Technology Corp MPC9824 Datasheet HTML 6Page - Renesas Technology Corp MPC9824 Datasheet HTML 7Page - Renesas Technology Corp MPC9824 Datasheet HTML 8Page - Renesas Technology Corp MPC9824 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATASHEET
Clock Generator for PowerQUICC and PowerPC
Microprocessors and Microcontrollers
MPC9824
MPC9824 REVISION 2 3/16/16
1
©2016 Integrated Device Technology, Inc.
The MPC9824 is a PLL based clock generator specifically designed for
Freescale Microprocessor and Microcontroller applications including the
PowerPC and PowerQUICC. This device generates the microprocessor input
clock and other microprocessor system and bus clocks at any one of eight output
frequencies. These frequencies include 33, 50, 66, 100, 125, 133.33, 166.66 and
200 MHz. The device offers six low skew clock outputs plus the three reference
outputs. The clock input reference is 25 MHz and may be derived from an
external source of by the addition of a 25 MHz crystal to the on-chip crystal
oscillator. The extended temperature range of the MPC9824 supports
telecommunication and networking requirements.
Features
•
6 LVCMOS outputs for processor and other system circuitry
•
3 Buffered 25 MHz reference clock outputs
•
Crystal oscillator or external reference input
•
25 MHz Input reference frequency
•
Selectable output frequencies = 33.33, 50, 66.66, 100, 125, 133.33, 166.66,
or 200 MHz
•
Low cycle-to-cycle and period jitter
•
Package = 32 lead LQFP
•
3.3 V supply
•
Supports computing, networking, telecommunications applications
•
Ambient temperature range -40°C to +85°C
•
For functional replacement use 8T49N285A
Functional Description
The MPC9824 uses a PLL with a 25 MHz input reference frequency to generate a single bank of 6 configurable LVCMOS
output clocks. The output frequency of this bank is configurable by three FSEL pins. The 25 MHz reference may be either an
external frequency source or a 25 MHz crystal. The 25 MHz crystal is directly connected to the XTAL_IN and XTAL_OUT pins
with no additional components required. An external reference may be applied to the XTAL_IN pin with the XTAL_OUT pin left
floating. The input reference, whether provided by a crystal or an external input is also directly buffered to a second bank of
3 LVCMOS outputs. These outputs may be used as the clock source for processor I/O applications such as an Ethernet PHY.
The MPC9824 is packaged in a 32 lead LQFP package.
MPC9824
MICROPROCESSOR
CLOCK GENERATOR
AC SUFFIX
32-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 873A-04
FA SUFFIX
32-LEAD LQFP PACKAGE
CASE 873A-04
PRODUCT DISCONTINUATION NOTICE - LAST TIME BUY EXPIRES SEPTEMBER 7, 2016


Similar Part No. - MPC9824

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
DUAL 3.3V PLL CLOCK GENERATOR
logo
Freescale Semiconductor...
MPC9817 FREESCALE-MPC9817 Datasheet
97Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
logo
Renesas Technology Corp
MPC9817 RENESAS-MPC9817 Datasheet
283Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2012
MPC9817EN RENESAS-MPC9817EN Datasheet
283Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2012
MPC9817ENR2 RENESAS-MPC9817ENR2 Datasheet
283Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2012
More results

Similar Description - MPC9824

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9178-03 ICST-ICS9178-03 Datasheet
526Kb / 8P
245 MHz Clock Generator and Integrated Buffer for PowerPC
Rev C 02/12/98
ICS9341 ICST-ICS9341 Datasheet
207Kb / 9P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev A 10/12/99
ICS9342 ICST-ICS9342 Datasheet
175Kb / 10P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev E 9/06/00
logo
Motorola, Inc
MPC9855 MOTOROLA-MPC9855 Datasheet
267Kb / 12P
Clock Generator for PowerQUICC and PowerPC Microprocessors
logo
Freescale Semiconductor...
MPC9817 FREESCALE-MPC9817 Datasheet
97Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
MPC9850 FREESCALE-MPC9850 Datasheet
247Kb / 12P
Clock Generator for PowerQUICC III
logo
NEC
UPB8284A NEC-UPB8284A Datasheet
168Kb / 6P
CLOCK GENERATOR AND DRIVER FOR 8086/8088 MICROPROCESSORS
logo
List of Unclassifed Man...
AM8224 ETC2-AM8224 Datasheet
75Kb / 1P
CLOCK GENERATOR AND DRIVER FOR 8080A COMPATIBLE MICROPROCESSORS
logo
Integrated Device Techn...
XC9850 IDT-XC9850 Datasheet
322Kb / 10P
Clock Generator for PowerQUICC III
logo
Renesas Technology Corp
MPC9817 RENESAS-MPC9817 Datasheet
283Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com