Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9824 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC9824
Description  Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9824 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC9824 Datasheet HTML 1Page - Renesas Technology Corp MPC9824 Datasheet HTML 2Page - Renesas Technology Corp MPC9824 Datasheet HTML 3Page - Renesas Technology Corp MPC9824 Datasheet HTML 4Page - Renesas Technology Corp MPC9824 Datasheet HTML 5Page - Renesas Technology Corp MPC9824 Datasheet HTML 6Page - Renesas Technology Corp MPC9824 Datasheet HTML 7Page - Renesas Technology Corp MPC9824 Datasheet HTML 8Page - Renesas Technology Corp MPC9824 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MPC9824 Data Sheet
CLOCK GENERATOR FOR POWERQUICC AND POWERPC MICROPROCESSORS AND MICROCONTROLLERS
MPC9824 REVISION 2 3/16/16
2
©2016 Integrated Device Technology, Inc.
Figure 1. MPC9824 Logic Diagram
Table 1. Pin configuration
Pin
I/O
Type
Function
QA0, QA1, QA2
QA3, QA4, QA5
Output
LVCMOS
Clock Outputs
QREF0, QREF1,
QREF2
Output
LVCMOS
Reference Output (25 MHz)
XTAL_IN
Input
LVCMOS
Crystal Oscillator Input Pin
XTAL_OUT
Output
LVCMOS
Crystal Oscillator Output Pin
REF_IN
Input
LVCMOS
External Reference Input (internal pull-down)
SEL_XTAL
Input
LVCMOS
Selects between XTAL or External Source (internal pull-up)
FSEL0
FSEL1
FSEL2
Input
LVCMOS
Configures Bank A Clock Output Frequency (internal pull-up)
BYPASS
Input
LVCMOS
Test Mode to Bypass PLL (active low, internal pull-up)
MR/OE
Input
LVCMOS
Master Reset (internal pull-down)
VDDA
Analog Supply, An external filter is recommended
VDD
—
—
3.3 V Supply
GND
—
—
Ground
Ref
PLL
QA0
QA1
QA2
QA4
XTAL_IN
OSC
XTAL_OUT
FSEL0
QREF0
FSEL1
QA3
QREF1
QREF2
Data
Generator
MR/OE
200, 33.33, 50,
MHz
25 MHz
or
400 MHz
500 MHz
FSEL2
125,133.33,166.66,
REF_IN
SEL_XTAL
1
0
BYPASS
1
0
QA5
66.66,100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com