Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS101 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BAS101
Description  High-voltage switching diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS101 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BAS101 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS101 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS101 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS101 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS101 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS101 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS101 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS101 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS101 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BAS101_BAS101S
© Nexperia B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 14 December 2009
5 of 11
Nexperia
BAS101; BAS101S
High-voltage switching diodes
(1) Tamb = 150 °C
(2) Tamb =75 °C
(3) Tamb =25 °C
Based on square wave currents
Tj =25 °C; prior to surge
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Non-repetitive peak forward current as a
function of pulse duration; maximum values
VR = 300 V
f = 1 MHz; Tamb =25 °C
Fig 3.
Reverse current as a function of junction
temperature; typical values
Fig 4.
Diode capacitance as a function of reverse
voltage; typical values
0
0.5
1
1.5
IF
(mA)
VF (V)
500
0
400
300
200
100
mhc618
(2)
(1)
(3)
mbg703
10
1
102
IFSM
(A)
10−1
tp (μs)
1104
103
10
102
200
0
40
80
120
IR
(
μA)
160
Tj (°C)
102
10
1
10−1
10−2
mhc619
010
20
40
0.42
0.3
0.34
0.38
30
Cd
(pF)
VR (V)
mhc621



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com