Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS101 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # BAS101
Description  High-voltage switching diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS101 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button BAS101 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS101 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS101 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS101 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS101 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS101 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS101 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS101 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BAS101 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
BAS101_BAS101S
© Nexperia B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 14 December 2009
6 of 11
Nexperia
BAS101; BAS101S
High-voltage switching diodes
8.
Test information
9.
Package outline
10. Packing information
(1) IR =3mA
Fig 5.
Reverse recovery time test circuit and waveforms
trr
(1)
+ IF
t
output signal
tr
tp
t
10 %
90 %
VR
input signal
V = VR + IF × RS
RS = 50 Ω
IF
D.U.T.
Ri = 50 Ω
SAMPLING
OSCILLOSCOPE
mga881
Fig 6.
Package outline SOT23 (TO-236AB)
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
Please refer to packing information on www.nexperia.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com