Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856W-Q Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BC856W-Q
Description  65 V, 100 mA PNP general-purpose transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC856W-Q Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BC856W-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC856W-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC856W-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC856W-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC856W-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC856W-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC856W-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC856W-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC856W-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Nexperia
BC856W-Q; BC857W-Q; BC858W-Q
65 V, 100 mA PNP general-purpose transistors
9. Thermal characteristics
Table 7. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
625
K/W
[1] Device mounted on an FR4 PCB; single-sided; 35 µm copper; tin-plated and standard footprint.
aaa-028969
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01
0
1
FR4 PCB, single-sided, 35 μm copper, tin-plated and standard footprint
Fig. 1. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
BC856W-Q_BC857W-Q_BC858W-Q
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 24 June 2021
4 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com