Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856W-Q Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # BC856W-Q
Description  65 V, 100 mA PNP general-purpose transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC856W-Q Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button BC856W-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC856W-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC856W-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC856W-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC856W-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC856W-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC856W-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC856W-Q Datasheet HTML 10Page - Nexperia B.V. All rights reserved BC856W-Q Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Nexperia
BC856W-Q; BC857W-Q; BC858W-Q
65 V, 100 mA PNP general-purpose transistors
aaa-028118
200
400
600
hFE
0
IC (mA)
-10-1
-103
-102
-1
-10
(1)
(3)
(2)
VCE = -5 V
(1) Tamb = 150 °C
(2) Tamb = 25 °C
(3) Tamb = -55 °C
Fig. 6. BC857BW-Q: DC current gain as a function of
collector current; typical values
mgt716
0
- 1200
- 1000
- 800
- 600
- 400
- 200
- 10- 2
- 10- 1
- 1
- 10
- 102
- 103
IC (mA)
VBE
(mV)
(1)
(2)
(3)
VCE = -5 V
(1) Tamb = -55 °C
(2) Tamb = 25 °C
(3) Tamb = 150 °C
Fig. 7. BC857BW-Q: Base-emitter voltage as a function
of collector current; typical values
mgt717
- 104
- 103
- 102
- 10
- 10- 1
- 1
- 10
- 102
- 103
IC (mA)
VCEsat
(mV)
(1)
(2)
(3)
IC/IB = 20
(1) Tamb = 150 °C
(2) Tamb = 25 °C
(3) Tamb = -55 °C
Fig. 8. BC857BW-Q: Collector-emitter saturation
voltage as a function of collector current;
typical values
mgt718
- 10- 1
- 1
- 10
- 102
- 103
IC (mA)
0
- 1200
- 1000
- 800
- 600
- 400
- 200
VBEsat
(mV)
(1)
(2)
(3)
IC/IB = 20
(1) Tamb = -55 °C
(2) Tamb = 25 °C
(3) Tamb = 150 °C
Fig. 9. BC857BW-Q: Base-emitter saturation voltage as
a function of collector current; typical values
BC856W-Q_BC857W-Q_BC858W-Q
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 24 June 2021
7 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com