Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC44BC375U/J/T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MC44BC375U/J/T
Description  MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC44BC375U/J/T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MC44BC375U/J/T Datasheet HTML 9Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 10Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 11Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 12Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 13Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 14Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 15Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 16Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Modulator Functionality
MC44BC375/U/J/T Technical Data
The audio pre-emphasis circuit is a high-pass filter with an external capacitor C1 and an internal resistor
(100 kOhms typical). The recommended capacitor value (750 pF) is for M/N standards; time constant is
75
µs. It is 470pF for B/G standards (50µs).
Audio bandwidth specification is for 50Hz to 15Khz range, with pre-emphasis circuit engaged. Without
this pre-emphasis circuit, it is possible to extend the audio bandwidth to the high frequencies as there is no
internal frequency limitation (stereo application).
12.8 PLL Section — Dividers
The reference divider is a fixed divide by 128 resulting in a reference frequency of 31.25Khz with a
4.0Mhz crystal. The 31.25Khz reference frequency is used for both UHF and Sound PLLs.
The prescaler is a fixed divide by 8 and is permanently engaged. The VHF divider is different for each of
the 3 versions.
The programmable divider’s division ratio is controlled by CHS pin voltage in order to get the following
VHF frequencies:
12.9 Selectable Pins
Pins CHS, PSS, SFS are internally pulled up to 5V.
Device
Channel
VHF divider
MC44BC375U
CH3 = 61.25Mhz
8
CH4 = 67.25Mhz
MC44BC375J
CH1 = 91.25Mhz
6
CH2 = 97.25Mhz
MC44BC375T
CH13 = 211.25Mhz
3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com