Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC44BC375U/J/T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MC44BC375U/J/T
Description  MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC44BC375U/J/T Datasheet(HTML) 2 Page - NXP Semiconductors

  MC44BC375U/J/T Datasheet HTML 1Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 2Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 3Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 4Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 5Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 6Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 7Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 8Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MC44BC375/U/J/T Technical Data
Features
1 Features
Channels are selectable using pin Channel Selection (CHS) and tuned by a PLL. They do not require any
external tank circuit components thus reducing the sensitivity of the PCB design and the need for external
adjustments. The PLL obtains its reference from a 4MHz crystal oscillator.
The sound subcarrier is also generated on-chip without external components. The 4.5MHz or 5.5MHz
Sound frequency is selectable using pin Sound Frequency Selection (SFS). The Picture to Sound subcarrier
ratio is also selectable by pin Picture to Sound selection (PSS) to either 14dB or 16dB. A Power Save
function is selectable via pin Psave/LO which turns off all internal VCOs and mixers and simultaneously
switches ON the Logic Output Port (LOP). No external Varicap Diodes/ Inductor nor other tuned
components are needed.
The MC44BC375/U/J/T also has the following features:
•
Channel selected by CHS pin
•
Integrated On-Chip Oscillator - No external tank circuit
•
Extremely Low External Components Count
•
Adjustable Video Modulation Depth (85% w/o adjustment)
•Peak White Clip
•
Programmable Picture/Sound Carrier Ratio (14dB & 16dB) selected by PSS pin
•Integrated On-chip Programmable Sound Subcarrier Oscillator (4.5 & 5.5MHz selected by SFS pin)
No external varicaps
•
Modulator Standby Mode selected by Psave/LO pin
•
Transient Output Inhibit During PLL Lock-up at Power-on
•
Logic Output Port selected by Psave/LO pin (Antenna Switch Driver)
•
Extremely Robust ESD protection, Minimum 4kV, typical 6kV.
•
Available in 80 dBuV RF output level (MC44BC375UA).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com