Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC05RC16GRS/D Datasheet(PDF) 25 Page - NXP Semiconductors

Part # HC05RC16GRS/D
Description  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 21Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 22Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 23Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 24Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 25Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 26Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 27Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 28Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 122 page
background image
General Description
Signal Description
MC68HC05RC16 — Rev. 3.0
General Release Specification
General Description
1.5.4 RESET
This active-low pin is used to reset the MCU to a known startup state by
pulling RESET low. The RESET pin contains an internal Schmitt trigger
as part of its input to improve noise immunity. See Section 5. Resets.
1.5.5 LPRST
The LPRST pin is an active-low pin and is used to put the MCU into
low-power reset mode. In low-power reset mode the MCU is held in reset
with all processor clocks halted. See Section 5. Resets.
1.5.6 IRO
The IRO pin is the high-current source and sink output of the carrier
modulator transmitter subsystem which is suitable for driving infrared
(IR) LED biasing logic. See Section 9. Carrier Modulator Transmitter
(CMT).
1.5.7 PA0–PA7
These eight I/O lines comprise port A. The state of any pin is software
programmable and all port A lines are configured as inputs during
power-on or reset. For detailed information on I/O programming, see 2.4
Input/Output Programming.
1.5.8 PB0–PB7
These eight I/O lines comprise port B. The state of any pin is software
programmable and all port B lines are configured as inputs during
power-on or reset. Each port B I/O line has a mask optionable
pullup/interrupt for keyscan. For detailed information on I/O
programming, see 2.4 Input/Output Programming.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com