Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC05RC16GRS/D Datasheet(PDF) 41 Page - NXP Semiconductors

Part # HC05RC16GRS/D
Description  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 37Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 38Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 39Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 40Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 41Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 42Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 43Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 44Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 122 page
background image
Interrupts
Hardware Interrupts
MC68HC05RC16 — Rev. 3.0
General Release Specification
Interrupts
4.6 Hardware Interrupts
All hardware interrupts except RESET are maskable by the I bit in the
CCR. If the I bit is set, all hardware interrupts (internal and external) are
disabled. Clearing the I bit enables the hardware interrupts. The three
types of hardware interrupts are explained in the following sections.
4.7 External Interrupt (IRQ/Port B Keyscan)
The IRQ pin provides an asynchronous interrupt to the CPU. A block
diagram of the IRQ function is shown in Figure 4-2.
NOTE:
The BIH and BIL instructions will apply to the level on the IRQ pin itself
and to the output of the logic OR function with the port B IRQ interrupts.
The states of the individual port B pins can be checked by reading the
appropriate port B pins as inputs.
The IRQ pin is one source of an external interrupt. All port B pins
(PB0–PB7) act as other external interrupt sources if the pullup feature is
enabled as specified by the user.
Figure 4-2. IRQ Function Block Diagram
IRQ
LATCH
R
IRQ PIN
LEVEL
(MASK OPTION)
TO IRQ
PROCESSING
IN CPU
PORT B KEYSCAN
INTERRUPT
TO BIH & BIL
INSTRUCTION
SENSING
RST
IRQ VECTOR FETCH
VDD
EIMSK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com