Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND8020D Datasheet(PDF) 14 Page - Analog Devices

Part # AND8020D
Description  Termination of ECL Logic Devices with EF (Emitter Follower) OUTPUT Structure
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AND8020D Datasheet(HTML) 14 Page - Analog Devices

Back Button AND8020D Datasheet HTML 10Page - Analog Devices AND8020D Datasheet HTML 11Page - Analog Devices AND8020D Datasheet HTML 12Page - Analog Devices AND8020D Datasheet HTML 13Page - Analog Devices AND8020D Datasheet HTML 14Page - Analog Devices AND8020D Datasheet HTML 15Page - Analog Devices AND8020D Datasheet HTML 16Page - Analog Devices AND8020D Datasheet HTML 17Page - Analog Devices AND8020D Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AND8020/D
http://onsemi.com
14
SECTION 5. DIODE TERMINATION
VBB
VBB
Driver
Receiver
*All Media
*
*
D1
D2
D1
D2
Alternative to the resistor network termination schemes,
a Diode method shown in Figure 19 may afford certain
advantages when a design has the following constraints.
1. Impedance controlled media line is not required
(coax, twisted pair, striplines, etc.)
2. Impedance matched termination network is not
required.
3. Overshoot and Noise need to be clamped to logic
HIGH/LOW levels.
Figure 19. Diode Termination
VBB
VBB
Driver
Receiver
*All Media
*
*
D1
D2
D1
D2
VBB
Driver
Receiver
*All Media
*
D1
D2
D1 and D2 diodes may be an MBD301, MMBD301,
MBD701, MMBD701LT1, or a dual package MMBD452LT1.
Diode forward voltage curves from a data sheet, such as shown
in Figure 20, will determine specific current and voltage
operation range. Frequency limitations may be a consideration
when selecting the diodes. The Silicon Hot−Carrier Schottky
Barrier diode MBD701, for example, displays a forward Vf of
about 0.55 V and an If of about 11 mA (at 25°C) to match a
50
W impedance line. At higher temperatures, the current
decreases.
Figure 20. MMBD701 Diode Forward Voltage
0.1
1.0
10
100
0
0.2
0.4
0.8
1.2
1.6
2.0
VF, FORWARD VOLTAGE (V)
TA = 85°C
TA =−40°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com