Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9260 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # X9260
Description  Dual Supply/Low Power/256-Tap/SPI bus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9260 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button X9260 Datasheet HTML 13Page - Renesas Technology Corp X9260 Datasheet HTML 14Page - Renesas Technology Corp X9260 Datasheet HTML 15Page - Renesas Technology Corp X9260 Datasheet HTML 16Page - Renesas Technology Corp X9260 Datasheet HTML 17Page - Renesas Technology Corp X9260 Datasheet HTML 18Page - Renesas Technology Corp X9260 Datasheet HTML 19Page - Renesas Technology Corp X9260 Datasheet HTML 20Page - Renesas Technology Corp X9260 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17
FN8170.3
August 29, 2006
EQUIVALENT A.C. LOAD CIRCUIT
AC TIMING
RH
10pF
CL
CL
RW
RTOTAL
CW
25pF
10pF
RL
SPICE MACROMODEL
5V
1462
100pF
SO pin
2714
3V
1382
100pF
SO pin
1217
Symbol
Parameter
Min.
Max.
Units
fSCK
SSI/SPI clock frequency
2
MHz
tCYC
SSI/SPI clock cycle rime
500
ns
tWH
SSI/SPI clock high rime
200
ns
tWL
SSI/SPI clock low time
200
ns
tLEAD
Lead time
250
ns
tLAG
Lag time
250
ns
tSU
SI, SCK, HOLD and CS input setup time
50
ns
tH
SI, SCK, HOLD and CS input hold time
50
ns
tRI
SI, SCK, HOLD and CS input rise time
2
s
tFI
SI, SCK, HOLD and CS input fall time
2
s
tDIS
SO output disable time
0
250
ns
tV
SO output valid time
200
ns
tHO
SO output hold time
0
ns
tRO
SO output rise time
100
ns
tFO
SO output fall time
100
ns
tHOLD
HOLD time
400
ns
tHSU
HOLD setup time
100
ns
tHH
HOLD hold time
100
ns
tHZ
HOLD low to output in high Z
100
ns
tLZ
HOLD high to output in low Z
100
ns
TI
Noise suppression time constant at SI, SCK, HOLD and CS inputs
10
ns
tCS
CS deselect time
2
s
tWPASU
WP, A0 setup time
0
ns
tWPAH
WP, A0 hold time
0
ns
X9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com