Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLED7001 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZLED7001
Description  Universal LED Driver with Temperature Compensation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7001 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZLED7001 Datasheet HTML 1Page - Renesas Technology Corp ZLED7001 Datasheet HTML 2Page - Renesas Technology Corp ZLED7001 Datasheet HTML 3Page - Renesas Technology Corp ZLED7001 Datasheet HTML 4Page - Renesas Technology Corp ZLED7001 Datasheet HTML 5Page - Renesas Technology Corp ZLED7001 Datasheet HTML 6Page - Renesas Technology Corp ZLED7001 Datasheet HTML 7Page - Renesas Technology Corp ZLED7001 Datasheet HTML 8Page - Renesas Technology Corp ZLED7001 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Universal LED Driver with
Temperature Compensation
ZLED7001
Datasheet
© 2016 Integrated Device Technology, Inc.
2
April 20, 2016
Bandgap
Blanking
480ns
RS
POR
UVLO
n LED
L1
R2
NTC
5
6
D1
RCS
CLED
Q1
VS
CIN
C1
R1
8 to 450 VDC
2
3
1
RIN
CS
LD
VREF
VIN
PWMD
GATE
GND
4
7
COFF
TOFF
ZLED7001
Timing
Circuit
7.1V Clamp
R
R
R
0.24V
0.05V
+
+
+
0.24V
Driver
R
S
Q
CMP1
CMP2
CMP3
8
vdda
vdda
vddd
Voltage
Regulator
REN
ZLED7001 Block Diagram
SOP-8 Package Dimensions (mm
, except θ)
A
1.550 ± 0.200
E
3.900 ± 0.100
A1
0.175 ± 0.075
E1
6.020 ± 0.220
A2
1.450 Typical
e
1.270 Typical
b
0.420 ± 0.070
L
0.835 ± 0.435
c
0.214 ± 0.036
θ
4° ± 4°
D
4.900 ± 0.100
Ordering Information
Sales Code
Description
Package
ZLED7001ZI1R
ZLED7001 – Universal LED Driver with Temperature Compensation
SOP8 (Tape & Reel)
ZLED7001Kit-E1
ZLED7001 Evaluation Board up to 24VAC / 40VDC, including 1 ZLED-PCB1
Kit
ZLED-PCB1
Test PCB with one 3W white HB-LED, cascadable to one multiple LED string
Printed Circuit Board
ZLED-PCB2
10 unpopulated test
PCBs
for modular LED string with footprints of 9 common HB-LED types
Printed Circuit Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com