| Electronic Components Datasheet Search |
|
ZOPT2201 Datasheet(PDF) 36 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZOPT2201 Datasheet(HTML) 36 Page - Renesas Technology Corp |
|
36 / 45 page ![]() ZOPT2201 Datasheet © 2016 Integrated Device Technology, Inc 36 September 2, 2016 3.11.12 LS_THRES_UP Address 21HEX and 22HEX and 23HEX Default value FFHEX and FFHEX and 0FHEX Register access RW Bit 7 6 5 4 3 2 1 0 21HEX LS_THRES_UP_0 22HEX LS_THRES_UP_1 23HEX 0 0 0 0 LS_THRES_UP_2 LS_THRES_UP_x sets the upper threshold value for the LS interrupt. The interrupt controller compares the value in LS_THRES_UP_x against the measured data in the *_DATA_x registers of the selected LS interrupt channel. It generates an interrupt event if *_DATA_x exceeds the threshold level. The data format for LS_THRES_UP_x must match that of the *_DATA_x registers. Register 21HEX Bit[7:0] LS upper interrupt threshold value, LSB Register 22HEX Bit[7:0] LS upper interrupt threshold value, intervening byte Register 23HEX Bit[3:0] LS upper interrupt threshold value, MSB 3.11.13 LS_THRES_LOW Address 24HEX and 25HEX and 26HEX Default value 00HEX and 00HEX and 00HEX Register access RW Bit 7 6 5 4 3 2 1 0 24HEX LS_THRES_LOW_0 25HEX LS_THRES_LOW_1 26HEX 0 0 0 0 LS_THRES_LOW_2 LS_THRES_LOW_x sets the lower threshold value for the LS interrupt. The interrupt controller compares the value in LS_THRES_LOW_x against the measured data in the *_DATA_x registers of the selected LS interrupt channel. It generates an interrupt event if the *_DATA_x is below the threshold level. The data format for LS_THRES_LOW_x must match that of the *_DATA_x registers. Register 24HEX Bit[7:0] LS lower interrupt threshold value, LSB Register 25HEX Bit[7:0] LS lower interrupt threshold value, intervening byte Register 26HEX Bit[3:0] LS lower interrupt threshold value, MSB |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |