Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16C752BTPTREP Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C752BTPTREP
Description  3.3-V DUAL UART WITH 64-BYTE FIFO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C752BTPTREP Datasheet(HTML) 26 Page - Texas Instruments

Back Button TL16C752BTPTREP Datasheet HTML 22Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 23Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 24Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 25Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 26Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 27Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 28Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 29Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
TL16C752B-EP
3.3-V DUAL UART WITH 64-BYTE FIFO
SGLS153 – FEBRUARY 2003
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
line control register (LCR)
The line control register controls the data communication format. The word length, number of stop bits, and
parity type are selected by writing the appropriate bits to the LCR. Table 10 shows the line control register bit
settings.
Table 10. Line Control Register (LCR) Bit Settings
BIT NO.
BIT SETTINGS
1:0
Specifies the word length to be transmitted or received.
00 – 5 bits
01 – 6 bits
10 – 7 bits
11 – 8 bits
2
Specifies the number of stop bits:
0 – 1 stop bits (word length = 5, 6, 7, 8)
1 – 1.5 stop bits (word length = 5)
1 – 2 stop bits (word length = 6, 7, 8)
3
0 = No parity
1 = A parity bit is generated during transmission and the receiver checks for received parity.
4
0 = Odd parity is generated (if LCR(3) = 1)
1 = Even parity is generated (if LCR(3) = 1)
5
Selects the forced parity format (if LCR(3) = 1)
If LCR(5) = 1 and LCR(4) = 0 = the parity bit is forced to 1 in the transmitted and received data.
If LCR(5) = 1 and LCR(4) = 1 = the parity bit is forced to 0 in the transmitted and received data.
6
Break control bit.
0 = Normal operating condition
1 = Forces the transmitter output to go low to alert the communication terminal.
7
0 = Normal operating condition
1 = Divisor latch enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com