Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705MC4GRS/D Datasheet(PDF) 129 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 129 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 125Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 126Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 127Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 128Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 129Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 130Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 131Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 132Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 133Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 180 page
background image
Serial Communications Interface
SCI I/O Registers
General Release Specification
Serial Communications Interface
11.6.2 SCI Control Register 1
SCI control register 1 has the following functions:
•
Stores ninth SCI data bit received and ninth SCI data bit
transmitted
•
Controls SCI character length
•
Controls SCI wakeup method
R8 — Bit 8 (Received)
When the SCI is receiving 9-bit characters, R8 is the ninth bit of the
received character. R8 receives the ninth bit at the same time that the
SCDR receives the other eight bits. Reset has no effect on the R8 bit.
T8 — Bit 8 (Transmitted)
When the SCI is transmitting 9-bit characters, T8 is the ninth bit of the
transmitted character. T8 is loaded into the transmit shift register at
the same time that SCDR is loaded into the transmit shift register.
Reset has no effect on the T8 bit.
M — Character Length
This read/write bit determines whether SCI characters are eight bits
long or nine bits long. The ninth bit can be used as an extra stop bit,
as a receiver wakeup signal, or as a mark or space parity bit. Reset
has no effect on the M bit.
1 = 9-bit SCI characters
0 = 8-bit SCI characters
Address:
$000B
Bit 7
654321
Bit 0
Read:
R8
0
M
WAKE
000
Write:
T8
Reset:
Unaffected by Reset
= Unimplemented
Figure 11-5. SCI Control Register 1 (SCCR1)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com