Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705MC4GRS/D Datasheet(PDF) 130 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 130 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 126Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 127Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 128Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 129Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 130Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 131Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 132Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 133Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 134Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 180 page
background image
Serial Communications Interface
MC68HC705MC4 — Rev. 2.0
Serial Communications Interface
WAKE — Wakeup Bit
This read/write bit determines which condition wakes up the SCI: a
logic 1 (address mark) in the most significant bit position of a received
character or an idle condition of the PD5/RDI pin. Reset has no effect
on the WAKE bit.
1 = Address mark wakeup
0 = Idle line wakeup
11.6.3 SCI Control Register 2
SCI control register 2 has the following functions:
•
Enables the SCI receiver and SCI receiver interrupts
•
Enables the SCI transmitter and SCI transmitter interrupts
•
Enables SCI receiver idle interrupts
•
Enables SCI transmission complete interrupts
•
Enables SCI wakeup
•
Transmits SCI break characters
TIE — Transmit Interrupt Enable
This read/write bit enables SCI interrupt requests when the TDRE bit
becomes set. Reset clears the TIE bit.
1 = TDRE interrupt requests enabled
0 = TDRE interrupt requests disabled
Address:
$000C
Bit 7
654321
Bit 0
Read:
TIE
TCIE
RIE
ILIE
TE
RE
RWU
SBK
Write:
Reset:
00000000
Figure 11-6. SCI Control Register 2 (SCCR2)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com