Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705MC4GRS/D Datasheet(PDF) 105 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 101Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 102Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 103Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 104Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 105Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 106Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 107Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 108Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 180 page
background image
Pulse Width Modulator
PWM Control Registers
General Release Specification
Pulse Width Modulator
10.4.3 UPDATE Register
Some applications cannot always wait until the end of the PWM cycle in
process before new control or data values take effect (for example,
during fault conditions). The UPDATEx bits provide a mechanism to
override the register interlock for these situations. The UPDATE register
is shown in Figure 10-10.
If the register interlock is satisfied and the corresponding update bit is
clear, the PWM registers are updated at the end of the current PWM
cycle. If the register interlock is satisfied and the corresponding update
bit is set the PWM registers are updated immediately. Figure 10-11
shows the different timing cases of applying the update condition and its
affects on PWM output.
After a RESET or subsequent to re-enabling the PWM channels, it is
necessary for the user to write to the data registers RATE, CTL-B (if
PWMB is used), and CTL-A (in that order) before writing to the UPDATE
register. Writing to the UPDATE register before turning on PWMA or
PWMB (writing to CTL-A or CTL-B) may disable the PWM.
After disabling a PWM channel, the corresponding UPDATE bit must be
cleared before enabling the channel again. After clearing the
corresponding UPDATE bit, the sequence of writing to the RATE,
CTL-B, CTL-A, and then setting the corresponding UPDATE bit must be
followed before re-enabling the PWM channels.
Address:
$0027
Bit 7
654321
Bit 0
Read: UPDATE
A
UPDATE
B
Write:
Reset:
00000000
= Unimplemented
Figure 10-10. PWM Update Register (UPDATE)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com