Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705MC4GRS/D Datasheet(PDF) 109 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 109 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 105Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 106Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 107Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 108Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 109Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 110Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 111Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 112Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 113Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 180 page
background image
Pulse Width Modulator
PWM Data Registers
General Release Specification
Pulse Width Modulator
10.5 PWM Data Registers
The pulse width of the PWM waveform is controlled by the two data
registers PWMA and PWMB. Each data register can be accessed from
one of two locations, PWMx-D (direct) and PWMx-I (interlock). A write
interlock and buffer mechanism is used to permit their contents to be
updated simultaneously, preventing undesirable glitching of the
associated port A I/O. See 10.7 PWM Operation in User Mode.
The PWMA and PWMB data registers have been mapped to two
different addresses: the direct address and the interlock address. The
PWMA-D direct address is $10 and the PWMA-I interlock address is
$11. The PWMB-D direct address is $12 and the PWMB-I interlock
address is $13. A read from either the direct or the interlock address will
read the PWM active register. A write to either address will write to the
PWM buffer register.
Address:
$0010
Bit 7
654321
Bit 0
Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Write:
Reset:
Unaffected by Reset
Figure 10-12. PWMA-D Data Register (PWMA-D)
Address:
$0011
Bit 7
654321
Bit 0
Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Write:
Reset:
Unaffected by Reset
Figure 10-13. PWMA-I Data Register (PWMA-I)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com