Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705MC4GRS/D Datasheet(PDF) 113 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 113 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 109Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 110Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 111Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 112Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 113Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 114Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 115Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 116Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 180 page
background image
Pulse Width Modulator
PWM Operation in User Mode
General Release Specification
Pulse Width Modulator
10.7.2 Operation with the Same PWM Rates
If RA equals RB, channel A and channel B are assumed to be operating
together in a synchronous fashion and are interlocked. This interlock
mechanism is in addition to the buffering and the PWM data/control
interlock described in 10.7.1 Interlock Operation.
A write to either PWMB data register must be followed by a write to either
PWMA data register. Any new data written will become effective at the
end of the current PWM cycle during which the write to PWMA took place
as shown in Figure 10-16. The interlocking between the data registers
is disabled when the channels have different periods.
A write to CTL-B control register must be followed by a write to the
CTL-A control register. Any new data written to either register will
become effective at the end of the current PWM cycle during which the
write to CTL-A took place. The interlocking between the control registers
is disabled when the channels have different periods.
Writing to the PWMx-I interlock address will also activate the interlock
mechanism with the CTL-x register as described in 10.7.1 Interlock
Operation. The two interlocking mechanisms, channel A/channel B and
data/control, may be in effect at the same time.
Example 1
Writing to PWMB-I ($13) will require a write to CTL-B ($15) to satisfy
the data/control interlock. In addition, if RA = RB, the write to either
PWMB data register will require a write to either PWMA data register,
and the write to CTL-B control register will require a write to CTL-A
register to satisfy the channel A/channel B interlock. The new
contents of all these registers will be transferred into their respective
active registers at the end of the current PWM cycle during which all
invoked interlock mechanisms become satisfied if the UPDATE A and
UPDATE B bits are clear. For either channel, if the corresponding
update bit is set, the transfer for that channel will occur immediately
after the interlock mechanism is satisfied.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com