Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705MC4GRS/D Datasheet(PDF) 111 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 111 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 107Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 108Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 109Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 110Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 111Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 112Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 113Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 114Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 115Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 180 page
background image
Pulse Width Modulator
PWM Operation in User Mode
General Release Specification
Pulse Width Modulator
10.7 PWM Operation in User Mode
The following subsections describe the PWM operation in user mode.
10.7.1 Interlock Operation
All PWM registers are buffered. The register buffering prevents data
written to either the control or data registers from affecting the PWM
cycle under way at the time of the data write. The interlock mechanism
extends this principle to multiple registers by preventing data written to
groups of data and/or control registers from affecting the PWM
configuration currently active until all writes are complete. There are
several interlock options from which the user can pick depending upon
the change of function desired. The register interlock mechanism
operation is shown in Figure 10-16.
Writing to a PWMx interlock address will activate a data/control interlock
mechanism with the corresponding CTL-x register. Under such a
condition, the new value written to the PWM interlock data register will
not be effective until the end of the current PWM cycle during which a
write to the corresponding control register was executed.
A typical application for such a mechanism is to generate 100% duty
cycle when not using the PWM output mask feature (MEx = 0).
Synchronized changes to both data and control registers are, therefore,
necessary to avoid PWM glitches. 100% duty cycle can be generated by
clearing PWMx-I, then toggling the state of the POLx bit in the
corresponding CTL-x register. Any new data written to either register will
become effective at the end of the current PWM cycle during which the
write to CTL-x took place.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com