Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70001ASEHF Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL70001ASEHF
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001ASEHF Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL70001ASEHF Datasheet HTML 17Page - Renesas Technology Corp ISL70001ASEHF Datasheet HTML 18Page - Renesas Technology Corp ISL70001ASEHF Datasheet HTML 19Page - Renesas Technology Corp ISL70001ASEHF Datasheet HTML 20Page - Renesas Technology Corp ISL70001ASEHF Datasheet HTML 21Page - Renesas Technology Corp ISL70001ASEHF Datasheet HTML 22Page - Renesas Technology Corp ISL70001ASEHF Datasheet HTML 23Page - Renesas Technology Corp ISL70001ASEHF Datasheet HTML 24Page - Renesas Technology Corp ISL70001ASEHF Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ISL70001ASEH
FN8365 Rev.3.03
Page 21 of 27
Sep 16, 2022
PCB Component Placement
Components should be placed as close as possible to the IC to
minimize stray inductance and resistance. Prioritize the
placement of bypass capacitors on the pins of the IC in the order
shown: REF, SS, AVDD, DVDD, PVINx (high frequency capacitors),
EN, PGOOD, PVINx (bulk capacitors).
Locate the output voltage resistive divider as close as possible to
the FB pin of the IC. The top leg of the divider should connect
directly to the POL (Point of Load), and the bottom leg of the
divider should connect directly to AGND. The junction of the
resistive divider should connect directly to the FB pin.
Locate a Schottky clamp diode as close as possible to the LXx
and PGNDx pins of the IC. A small series R-C snubber connected
from the LXx pins to the PGNDx pins may be used to damp high
frequency ringing on the LXx pins, if desired, see Figure 29.
PCB Layout
Use a small island of copper to connect the LXx pins of the IC to
the output inductor on Layers 1 and 4. To minimize capacitive
coupling to the power and ground planes, void the copper on
Layers 2 and 3 adjacent to the island. Place most of the island of
Layer 4 to minimize the amount of copper that must be voided
from the ground plane (Layer 2).
Keep all other signal traces as short as possible.
For an example layout, see AN1842.
Thermal Management for Ceramic Package
For optimum thermal performance, place a pattern of vias and a
thermal land on the top layer of the PCB directly underneath the
IC. Connect the vias to the plane which serves as a heatsink. To
ensure good thermal contact, thermal interface material such as
a Sil-Pad or thermally conductive epoxy should be used to fill the
gap between the vias and the bottom of the ceramic package.
Lead Strain Relief
The package leads protrude from the bottom of the package and
the leads need forming to provide strain relief. On the ceramic
bottom package R48.A, the Sil-pad or epoxy maybe be used to fill
the gap left between the PCB board and the bottom of the
package when lead forming is completed. On the heatsink option
of the package, R48.B, the lead forming should be made so that
the bottom of the heatsink and the formed leads are flush.
Heatsink Mounting Guidelines
The R48.B package option has a heatsink mounted on the
underside of the package. The following JESD51-5 guidelines
may be used to mount the package:
1. Place a thermal land on the PCB under the heatsink.
2. The land should be approximately the same size as to 1mm
larger than the 9x9mm heatsink.
3. Place an array of thermal vias below the thermal land.
- Via array size: ~8x8 = 64 thermal vias
- Via diameter: ~0.3mm drill diameter with plated copper on
the inside of each via.
- Via pitch: ~1.2mm.
- Vias should drop to and contact as much buried metal area
as feasible to provide the best thermal relief.
Heatsink Electrical Potential
The heatsink is electrically isolated and unbiased. The heatsink
may be electrically connected to any potential which offers the
best thermal relief through conductive mounting materials
(conductive epoxy, solder, etc) or may be left unbiased through
the use of electrically non-conductive mounting materials
(non-conductive epoxy, Sil-pad, kapton film, etc.).
FIGURE 29. SCHOTTKY DIODE AND R-C SNUBBER
FB
COUT
LOUT
VOUT
LXx
RT
RB
VREF
ERROR
AMPLIFIER
REF
CREF
-
+
CC
3A
RS
CS
PGNDx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com