Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70001ASEHF Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ISL70001ASEHF
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001ASEHF Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ISL70001ASEHF Datasheet HTML 20Page - Renesas Technology Corp ISL70001ASEHF Datasheet HTML 21Page - Renesas Technology Corp ISL70001ASEHF Datasheet HTML 22Page - Renesas Technology Corp ISL70001ASEHF Datasheet HTML 23Page - Renesas Technology Corp ISL70001ASEHF Datasheet HTML 24Page - Renesas Technology Corp ISL70001ASEHF Datasheet HTML 25Page - Renesas Technology Corp ISL70001ASEHF Datasheet HTML 26Page - Renesas Technology Corp ISL70001ASEHF Datasheet HTML 27Page - Renesas Technology Corp ISL70001ASEHF Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ISL70001ASEH
FN8365 Rev.3.03
Page 24 of 27
Sep 16, 2022
LX4
27
5449
2874
135
521
3
PGND4
28
5449
3485
135
521
3
PGND3
29
5449
4096
135
521
3
LX3
30
5449
4745
135
521
3
PVIN3
31
4941
5559
521
135
3
PVIN2
32
4137
5559
521
135
3
LX2
33
3449
5559
521
135
3
PGND2
34
2838
5559
521
135
3
PGND1
1
2227
5559
521
135
3
LX1
2
1578
5559
521
135
3
PVIN1
3
962
5559
521
135
3
SYNC
4
544
5559
135
135
1
M/S
5
226
5280
135
135
1
ZAP
6
226
4910
135
135
1
TDI
7
226
4540
135
135
1
TDO
8
226
4170
135
135
1
PGOOD
9
226
3777
135
135
1
SS
10
226
3425
135
135
1
DVDD
11
226
2566
135
333
2
DGND
12
226
1538
135
333
2
AGND
13
226
1018
135
135
1
AGND
14
226
654
135
135
1
TABLE 1. LAYOUT X-Y COORDINATES (Continued)
PAD NAME
PAD NUMBER
X
(µm)
Y
(µm)
dX
(µm)
dY
(µm)
BOND WIRES
PER PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com