Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70100SEHF/PROTO Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL70100SEHF/PROTO
Description  Radiation Hardened 40V Current Sense Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70100SEHF/PROTO Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL70100SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 13Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ISL70100SEH, ISL73100SEH
2. Specifications
R34DS0009EU0101 Rev.1.01
Page 10 of 27
Jul.10.20
2.4.3
V+ = 40V
Recommended operating conditions, V+ = VRS+ = 40V, V- = 0V, VSEN = (VRS+ - VRS-), ROUT = 25kΩ and TA = +25°C unless otherwise
specified. Boldface limits apply across the operating temperature range from -55°C to +125°C; over a Total Ionizing Dose (TID) of
100krad(Si) with an exposure rate of 50-300rad(Si)/s at 25°C (ISL70100SEH only); or over a TID of 75krad(Si) with an exposure rate of
<10mrad(Si)/s at 25°C.
Parameter
Symbol
Test Conditions
Min
(Note 11)
Typ
(Note 10)
Max
(Note 11)Unit
Input Specifications
Input Common-Mode Voltage Range
VCM
Assured by CMRR Test
-0.3
40
V
Transconductance
gm
VSEN = 25mV to 150mV, VRS+ = V+
TA = +25°C
1.970
1.988
2.010
µA/mV
VSEN = 25mV to 150mV, VRS+ = V+,
TA = -55°C, +125°C
1.960
2.020
µA/mV
VSEN = 25mV to 150mV, VRS+ = V+,
TA = +25°C, Post Radiation
1.970
1.988
2.010
µA/mV
VSEN = 25mV to 150mV, VRS+ = 0V
TA = +25°C
1.940
2.011
2.060
µA/mV
VSEN = 25mV to 150mV, VRS+ = 0V,
TA = -55°C, +125°C
1.930
2.070
µA/mV
VSEN = 25mV to 150mV, VRS+ = 0V,
TA = +25°C, Post Radiation
1.940
2.011
2.060
µA/mV
Input Offset Voltage
VOS
VSEN = 5mV
TA = +25°C
-1200
-515
300
µV
VSEN = 5mV
TA = -55°C, +125°C
-1500
600
µV
VSEN = 5mV
TA = +25°C, Post Radiation
-1200
-650
300
µV
VSEN = 5mV, VRS+ = 0V
TA = +25°C
-1100
-365
300
µV
VSEN = 5mV, VRS+ = 0V
TA = -55°C, +125°C
-1600
600
µV
VSEN = 5mV, VRS+ = 0V
TA = +25°C, Post Radiation
-1100
-635
300
µV
Input Bias Current
IBIAS
VSEN = 0mV
15
25
µA
VSEN = 0mV, VRS+ = 0V
-25
-9
µA
Input Offset Current
IOS
VSEN = 0mV, VRS+ = 0V, V+
-1
1
µA
Input Bias Current (Powered Off)
IOFF
V+ = VSEN = 0mV, VRS+ = 40V
-0.8
0.8
µA
Common-Mode Rejection Ratio
CMRR
VSEN = 5mV, VRS+ = 2.7V, 40V
90
103
dB
VSEN = 5mV, VRS+ = 2.7V, 40V,
TA = -55°C, +125°C
85
dB
VSEN = 5mV, VRS+ = 2.7V, 40V,
Post Radiation
90
103
dB
VSEN = 5mV, VRS+ = -0.3V, 40V
90
106
dB
VSEN = 5mV, VRS+ = -0.3V, 40V,
TA = -55°C, +125°C
85
dB
VSEN = 5mV, VRS+ = -0.3V, 40V,
Post Radiation
90
106
dB
Output Specifications
Minimum Output Voltage
VOL
VSEN = 0mV
4
mV
Maximum Output Voltage
VOH
Referred to V+, AV = 400, VSEN = 100mV
38
38.7
39.4
V
Minimum Guaranteed Linear Output
Voltage
OVR
VSEN = 150mV, RL = OPEN
38
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com