Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71831SEHF/PROTO Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL71831SEHF/PROTO
Description  Radiation Hardened 5V 32-Channel Analog Multiplexer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71831SEHF/PROTO Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL71831SEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ISL71831SEH
FN8759 Rev.6.00
Page 5 of 21
Dec 8, 2022
Switch Output Off Leakage
IOUT(OFF)
V+ = 5.5V, VOUT = 5V
All inputs = 0.5V,
TA = +25°C, -55°C
-30
-
30
nA
TA = +125°C
0
-
200
nA
Post radiation, +25°C
-30
-
30
nA
V+ = 5.5V, VOUT = 0.5V
All inputs = 5V,
TA = +25°C, -55°C
-30
-
30
nA
TA = +125°C
-60
-
30
nA
Post radiation, +25°C
-30
-
30
nA
Switch Output Leakage
with Switch Enabled
IOUT(ON)
V+ = 5.5V, VIN = VOUT = 5V
All unused inputs at 0.5V
TA = +25°C, -55°C
-30
-
30
nA
TA = +125°C
0
-
200
nA
Post radiation, +25°C
-30
-
30
nA
V+ = 5.5V, VIN = VOUT = 0.5V
All unused inputs at 5V
TA = +25°C, -55°C
-30
-
30
nA
TA = +125°C
-60
-
30
nA
Post radiation, +25°C
-30
-
30
nA
Logic Input Voltage High/Low
VIH/L
V+ = 5.5V
VREF = 3.3V
1.3
-
1.6
V
Input Current with VAH, VENH
IAH, IENH
V+ = 5.5V
VEN = VA = VREF
-0.1
-
0.1
µA
Input Current with VAL, VENL
IAL, IENL
V+ = 5.5V
VEN = VA = 0V
-0.1
-
0.1
µA
Quiescent Supply Current
ISUPPLY
V+ = VREF = VEN = 5.5V
VA = 0V, TA = +25°C, -55°C
-
-
100
nA
TA = +125°C
-
-
500
nA
Post radiation, +25°C
-
-
300
nA
Reference Quiescent Supply Current
IREF
V+ = VREF = VEN = 5.5V
VA = 0V
--
200
nA
DYNAMIC
Addressing Transition Time
tAHL
V+ = 4.5V; Figure 3
10
-
70
ns
Break-Before-Make Delay
tBBM
V+ = 4.5V; Figure 5
5
18
40
ns
Enable Turn-On Time
tEN(ON)
V+ = 4.5V; Figure 4
--
40
ns
Enable Turn-Off Time
tEN(OFF)
V+ = 4.5V; Figure 4
--
50
ns
Charge Injection
VCTE
CL = 100pF, VIN = 0V, Figure 6
-
1.4
5.0
pC
Off Isolation
VISO
VEN = VREF, RL = open, f = 1kHz
60
--
dB
Crosstalk
VCT
VEN = 0V, f = 1kHz, VP-P = 1V
RL = open
73
--
dB
Input Capacitance
CIN(OFF)
f = 1MHz
-
-
5
pF
Output Capacitance
COUT(OFF)
f = 1MHz
-
-
25
pF
Electrical Specifications (V+ = 5V) GND = 0V, V
REF = 3.3V, VIH = 3.3V, VIL = 0V, TA = +25°C, unless otherwise noted.
Boldface limits apply across the operating temperature range, -55°C to +125°C.; over a total ionizing dose of 75krad(Si) with exposure at a low dose
rate of <10mrad(Si)/s. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 9)TYP
MAX
(Note 9)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com