Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71831SEHF/PROTO Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL71831SEHF/PROTO
Description  Radiation Hardened 5V 32-Channel Analog Multiplexer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71831SEHF/PROTO Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL71831SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 13Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 14Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 15Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 16Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ISL71831SEH
FN8759 Rev.6.00
Page 13 of 21
Dec 8, 2022
Post Low Dose Rate Radiation Characteristics (V+ = 5V) Unless otherwise specified,
V+ = 5V, VCM =0, VO = 0V, TA = +25°C. This data is typical mean test data post radiation exposure at a low dose rate of <10mrad(Si)/s. This data is
intended to show typical parameter shifts due to low dose rate radiation. These are not limits nor are they guaranteed.
FIGURE 29. rDS(ON) (V+ = 4.5V), BIASED
FIGURE 30. rDS(ON) (V+ = 4.5V), GROUNDED
FIGURE 31. rDS(ON) MINIMUM (V+ = 4.5V)
FIGURE 32. rDS(ON) MAXIMUM (V+ = 4.5V)
FIGURE 33. rDS(ON) FLATNESS (V+ = 4.5V)
FIGURE 34. rDS(ON) MATCH (V+ = 4.5V, VIN = 0.5V)
0
20
40
60
80
100
120
0
1020
304050607080
LOW DOSE RATE RADIATION (krad(Si))
VIN = 0.5V
VIN = 2.25V
VIN = 4V
0
20
40
60
80
100
120
0
1020304050
607080
LOW DOSE RATE RADIATION (krad(Si))
VIN = 4V
VIN = 2.25V
VIN = 0.5V
0
20
40
60
80
100
120
0
10
2030405060
7080
BIASED
GROUNDED
LOW DOSE RATE RADIATION (krad(Si))
0
20
40
60
80
100
120
0
10
2030
405060
7080
BIASED
GROUNDED
LOW DOSE RATE RADIATION (krad(Si))
0
5
10
15
20
25
30
35
40
45
0
102030
40
506070
80
LOW DOSE RATE RADIATION (krad(Si))
GROUNDED
BIASED
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
1020
3040506070
80
LOW DOSE RATE RADIATION (krad(Si))
GROUNDED
BIASED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com