Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN025-100HS Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PSMN025-100HS
Description  N-channel 100 V, 24.5 mOhm, standard level MOSFET in LFPAK56D using TrenchMOS technology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN025-100HS Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PSMN025-100HS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN025-100HS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN025-100HS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN025-100HS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN025-100HS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN025-100HS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN025-100HS Datasheet HTML 9Page - Nexperia B.V. All rights reserved PSMN025-100HS Datasheet HTML 10Page - Nexperia B.V. All rights reserved PSMN025-100HS Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Nexperia
PSMN025-100HS
N-channel 100 V, 24.5 mOhm, standard level MOSFET in LFPAK56D using TrenchMOS technology
003aah027
0
1
2
3
4
5
-60
0
60
120
180
Tj (°C)
VGS(th)
(V)
max
typ
min
ID = 1 mA; VDS = VGS
Fig. 10. Gate-source threshold voltage as a function of
junction temperature
003aak059
0
5
10
15
20
25
30
0
20
40
60
80
100
ID (A)
RDSon
RDSon
(mΩ)
(mΩ)
4 V
4 V
4.5 V
4.5 V
5 V
5 V
5.5 V
5.5 V
VGS = 10 V
VGS = 10 V
Tj = 25 °C; tp = 300 μs
Fig. 11. Drain-source on-state resistance as a function
of drain current; typical values
003aaj819
0
0.6
1.2
1.8
2.4
3
-60
0
60
120
180
Tj (°C)
a
Fig. 12. Normalized drain-source on-state resistance
factor as a function of junction temperature
003aaa508
VGS
VGS(th)
QGS1
QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
Fig. 13. Gate charge waveform definitions
PSMN025-100HS
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
26 September 2022
7 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com