Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3361 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3361
Description  1/4 Square SMD Trimming Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3361 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3361 Datasheet HTML 1Page - Bourns Electronic Solutions 3361 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
†“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3361 - 1/4 ” Square SMD Trimming Potentiometer
Features
■
Single-Turn / Cermet / Industrial / Sealed
■
Miniature package
■
Rotor designed for automatic machine
adjust interface
■
Withstands harsh environments and
immersion cleaning processes
■
Compatible with surface
mount manufacturing processes
■
RoHS compliant* - see processing
information on lead free surface mount
trimmers
Electrical Characteristics
Standard Resistance Range
.....................................10 to 2 megohms
(see standard resistance table)
Resistance Tolerance ................±10 % std.
(tighter tolerance available)
Absolute Minimum Resistance
..........................................1 % or 2 ohms
(whichever is greater)
Contact Resistance Variation
.................................3 % or 3 ohms max.
(whichever is greater)
Adjustability
Voltage ........................................±0.05 %
Resistance ..................................±0.15 %
Resolution.........................................Infinite
Insulation Resistance ....................500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level .....................................900 vac
80,000 Feet ..................................350 vac
Adjustment Angle ......................240 ° nom.
Environmental Characteristics
Maximum Soldering Exposure
(Temp/Time) ....................+245 ˚C/10 Sec.
Power Rating (300 volts max.)
70 °C..........................................0.50 watt
125 °C.............................................0 watt
Temperature Range ........-55 °C to +125 °C
Temperature Coefficient ........±100 ppm/°C
Seal Test............................85 °C Fluorinert†
Humidity............MIL-STD-202 Method 103
96 hours
(2 % ∆TR; 10 Megohms IR)
Vibration.............30 G (1 % ∆TR; 1 % ∆VR)
Shock...............100 G (1 % ∆TR; 1 % ∆VR)
Load Life .....1,000 hours 0.5 watt @ 70 °C
(3 % ∆TR; 3 % or 3 ohms,
whichever is greater, CRV)
Rotational Life ............................200 cycles
(4 % ∆TR; 3 % or 3 ohms,
whichever is greater, CRV)
Physical Characteristics
Mechanical Angle ......................270 ° nom.
Torque..................................3.0 oz-in. max.
Stop Strength ......................7.0 oz -in. min.
Terminals ............................Solderable pins
Weight ............................................0.02 oz.
Marking............................Resistance code,
terminal numbers, manufacturer’s
model number, style
and date code
Wiper....................50 % (Actual TR) ±10 %
Flammability ..............................U.L. 94V-0
Standard Packing
“S” Style........................500 pcs./13 ˝ reel
“P” Style........................750 pcs./13 ˝ reel
Adjustment Tool ..................................H-90
1
3 CW
CLOCKWISE
CCW
2 WIPER
DIMENSIONS ARE:
MM
(INCHES)
TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED
Product Dimensions
Recommended Land Pattern
6.71 ± 0.12
(.264 ± .005)
1 3361 3
7.04 ± 0.25
(.277 ± .010)
3.84 ± 0.25
(.151 ± .010)
5.21 ± 0.63
(.205 ± .025)
4.88 ± 0.12
(.192 ± .005)
0.46 ± 0.02
(.018 ± .001)
3 PLACES
0.38 ± 0.12
(.015 ± .005)
LEADS TO BE
COPLANAR
WITHIN 0.10
(.004)
2.54 ± 0.25
(.100 ± .010)
TYP.
2
3
1
0.79 ± 0.25
(.031 ± .010)
2.54 ± 0.25
(.100 ± .010)
8.53 ± 0.76
(.336 ± .030)
2.54 ± 0.25
(.100 ± .010)
2.54 ± 0.25
(.100 ± .010)
Electrical adjustment
2.77
(.109)
0.64
(.025)
0.89
(.035)
LONG
x
WIDE
DEEP
x
DIA.
6.71 ± 0.12
(.264 ± .005)
7.37 ± 0.38
(.290 ± .015)
4.17 ± 0.38
(.164 ± .015)
4.88 ± 0.25
(.192 ± .010)
.038 ± 0.05
(.001 ± .002)
.071 ± 0.25
(.028 ± .040)
6.65
(.062)
REF.
2.54 ± 0.25
(.10 ± .010)
1.02 ± 0.25
(.040 ± .010)
2
2.54 ± 0.25
(.100 ± .010)
2.54 ± 0.25
(.100 ± .010)
2.29 ± 0.25
(.090 ± .010)
2.29 ± 0.25
(.090 ± .010)
LEADS TO BE
COPLANAR
WITHIN 0.10
(.004)
1
Electrical adjustment
2.77 ± 0.13
(.109 ± .005)
0.64 ± 0.13
(.025 ± .005)
0.89 ± 0.13
(.035 ± .005)
LONG
x
WIDE
DEEP
x
2.29 ± 0.25
(.090 ± .010)
3 PLACES
DIA.
3
1 3361 3
3361P
3361S
3.30 ± 0.25
(.130 ± .010)
5.08 ± 0.12
(.200 ± .005)
9.70 ± 0.12
(.381 ± .005)
1.19 ± 0.12
(.047 ± .005)
TYP.
Recommended Land Pattern
1.19 ± 0.12
(.047 ± .005)
7.62 ± 0.12
(.300 ± .005)
3 PLCS
3.30 ± 0.25
(.130 ± .010)
3 PLCS
2.54 ± 0.12
(.100 ± .005)
TYP.


Similar Part No. - 3361

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3361 ALLEGRO-3361 Datasheet
193Kb / 12P
2-WIRE, CHOPPER-STABILIZED, HALL-EFFECT SWITCHES
August 28, 2000
logo
Bourns Electronic Solut...
3361 BOURNS-3361 Datasheet
106Kb / 1P
Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
logo
Allegro MicroSystems
3361 ALLEGRO-3361 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
3361 ETC2-3361 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3361 HEYCO-3361 Datasheet
176Kb / 1P
Standoff Cable Holders - Arrowhead Mount
More results

Similar Description - 3361

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3362 BOURNS-3362 Datasheet
249Kb / 2P
1/4 Square Trimming Potentiometer
3362 BOURNS-3362 Datasheet
249Kb / 2P
1/4 Square Trimming Potentiometer
3266-W-1-103LF BOURNS-3266-W-1-103LF Datasheet
156Kb / 2P
1/4 Square Trimming Potentiometer
3362 BOURNS-3362_09 Datasheet
258Kb / 2P
1/4 ??Square Trimming Potentiometer
3269X-1-203 BOURNS-3269X-1-203 Datasheet
442Kb / 2P
3269 - 1/4 ??Square SMD Trimpot짰 Trimming Potentiometer
3269W-1-502LF BOURNS-3269W-1-502LF Datasheet
442Kb / 2P
3269 - 1/4 ??Square SMD Trimpot짰 Trimming Potentiometer
logo
Kingtronics Internation...
RKT-3361 KINGTRONICS-RKT-3361 Datasheet
245Kb / 1P
RKT-3361 1/4 Square SMD Trimming Potentiometer
logo
Bourns Electronic Solut...
3269W-1-204GLF BOURNS-3269W-1-204GLF Datasheet
442Kb / 2P
3269 - 1/4 ??Square SMD Trimpot짰 Trimming Potentiometer
3361P-1-103GLF BOURNS-3361P-1-103GLF Datasheet
304Kb / 2P
3361 - 1/4 Square SMD Trimpot Trimming Potentiometer
logo
Suntan Capacitors
TSR-3361 SUNTAN-TSR-3361_17 Datasheet
894Kb / 1P
Square SMD Trimming Potentiometer ??3361-1/4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com