Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3361 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3361
Description  1/4 Square SMD Trimming Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3361 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3361 Datasheet HTML 1Page - Bourns Electronic Solutions 3361 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
How to Order
3361 P - 1 - 502 G LF
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
Resistance Code
Optional Suffix Letter
G = Embossed Tape
“S” Style = 500 pcs./13 "reel
“P” Style = 750 pcs./13 "reel
Terminations
LF = 100 % Tin-plated (RoHS compliant)
Blank = 90 % Tin / 10 % Lead-plated
(Standard)
Consult factory for other available options.
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
2,000,000
205
Standard Resistance Table
Packaging Specifications
Packaging Specifications
Popular distribution resistance values listed in
boldface. Special resistances available.
3361 - 1/4 ” Square SMD Trimming Potentiometer
UNITS PACKAGED 750 PIECES PER REEL.
UNITS PACKAGED 500 PIECES PER REEL.
TAPE
330.2 ± .50
(13.00 ± .02)
16.41 ± .005
(.646 ± .127)
REEL
7.50 ± .10
(.295 ± .004)
12.00 ± .10
(.472 ± .004)
1.5 + .10/ –.00
(.059 + .004/ –.000)
4.00 ± .01
(.157 ± .004)
2.00 ± .05
(.079 ± .002)
1.75 ± .10
(.069 ± .004)
DIA.
1.50 ± .02
(.059 ± .005)
EQUAL SPACED 3 PLCS.
13.0 ± .20
(.512 ± .008)
DIA.
99.06 ± 1.02
(3.90 ± .040)
18.69 ± .79
(.736 ± .031)
DIA.
DIA.
16.0 ± .03
(.630 ± .001)
EMBOSSED
CARRIER TAPE
COVER TAPE
5.84 ± 0.1
(.230 ± .004)
DIA.
TAPE
330.2 ± 5.08
(13.000 ± .200)
16.51 ± 2.03/ -.000
(.650 ± .080/ -.000)
REEL
7.50 ± .10
(.295 ± .004)
12.00 ± .10
(.472 ± .004)
1.5 + .10/ –.00
(.059 + .004/ –.000)
4.00 ± .01
(.157 ± .004)
2.00 ± .05
(.079 ± .002)
1.75 ± .10
(.069 ± .004)
DIA.
17.78 ± .25
(.700 ± .010)
EQUAL SPACED 3 PLCS.
13.0 ± .51
(.512 ± .020)
DIA.
99.06 ± 1.02
(3.90 ± .040)
18.69 ± .79
(.736 ± .031)
DIA.
DIA.
16.0 ± .10
(.630 ± .004)
EMBOSSED
CARRIER TAPE
COVER TAPE
8.60 ± .10
(.339 ± .004)
(P Style)
(S Style)
REV. 06/05



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com