Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR1/D Datasheet(PDF) 67 Page - NXP Semiconductors

Part # APR1/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR1/D Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button APR1/D Datasheet HTML 63Page - NXP Semiconductors APR1/D Datasheet HTML 64Page - NXP Semiconductors APR1/D Datasheet HTML 65Page - NXP Semiconductors APR1/D Datasheet HTML 66Page - NXP Semiconductors APR1/D Datasheet HTML 67Page - NXP Semiconductors APR1/D Datasheet HTML 68Page - NXP Semiconductors APR1/D Datasheet HTML 69Page - NXP Semiconductors APR1/D Datasheet HTML 70Page - NXP Semiconductors APR1/D Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 101 page
background image
DSP56001A
Pin-out and Package Information
MOTOROLA
DSP56001A/D, Rev. 1
3-15
IRQB
121
A4
PC8
39
J13
MODA
123
B5
PS
52
N12
MODB
121
A4
RD
47
L12
NMI
none
none
RESET
124
A5
PB0
25
D12
RXD
27
D13
PB1
22
C13
SC0
31
F12
SC1
40
K13
nc
26
SC2
37
H13
nc
30
SCK
32
G13
nc
38
SCLK
29
F13
nc
41
SRD
42
J12
nc
44
STD
39
J13
nc
50
TXD
28
E13
nc
51
VCCD
100
G3
nc
59
VCCD
101
nc
62
VCCH
12
C9
nc
66
VCCH
13
nc
69
VCCN
63
L8
nc
72
VCCN
64
nc
78
VCCQ
35
C6
nc
83
VCCQ
36
G12
nc
84
VCCQ
128
nc
89
VCCQ
129
nc
95
WR
46
M13
nc
98
Table 3-4
DSP56001A Identification by Signal Name (Continued)
Signal
Name
132 pin
“FC” PQFP or
“FE” CQFP Pin
No.
88 pin
“RC” PGA
Pin No.
Signal
Name
132 pin
“FC” PQFP or
“FE” CQFP Pin
No.
88 pin
“RC” PGA
Pin No.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com