Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR1/D Datasheet(PDF) 12 Page - NXP Semiconductors

Part # APR1/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR1/D Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button APR1/D Datasheet HTML 8Page - NXP Semiconductors APR1/D Datasheet HTML 9Page - NXP Semiconductors APR1/D Datasheet HTML 10Page - NXP Semiconductors APR1/D Datasheet HTML 11Page - NXP Semiconductors APR1/D Datasheet HTML 12Page - NXP Semiconductors APR1/D Datasheet HTML 13Page - NXP Semiconductors APR1/D Datasheet HTML 14Page - NXP Semiconductors APR1/D Datasheet HTML 15Page - NXP Semiconductors APR1/D Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 101 page
background image
1-6
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Interrupt and Mode Control
INTERRUPT AND MODE CONTROL
Table 1-8
Interrupt and Mode Control Signals
Signal Name
Signal
Type
State
during
Reset
Signal Description
MODA
IRQA
Input
Input
Mode Select A/External Interrupt Request A
—This input has two
functions:
1.
to select the initial chip operating mode, and
2.
after synchronization, to allow an external device to
request a DSP interrupt.
MODA is read and internally latched in the DSP on exit from
Reset. MODA and MODB select the initial chip operating mode.
After leaving the Reset state, the MODA signal changes to external
interrupt request IRQA. The chip operating mode can be changed
by software after reset. The IRQA input is a synchronized external
interrupt request that indicates that an external device is
requesting service. It may be programmed to be level-sensitive or
negative-edge-triggered. If level-sensitive triggering is selected, an
external pull up resistor is required for wired-OR operation. If the
processor is in the Stop state and IRQA is asserted, the processor
will exit the Stop state.
MODB
IRQB
Input
Input
Mode Select B/External Interrupt Request B
—This input has two
functions:
1.
to select the initial chip operating mode, and
2.
after internal synchronization, to allow an external device
to request a DSP interrupt.
MODB is read and internally latched in the DSP on exit from
Reset. MODA and MODB select the initial chip operating mode.
After leaving the Reset state, the MODB signal changes to external
interrupt request IRQB. After reset, the chip operating mode can
be changed by software. The IRQB input is an external interrupt
request that indicates that an external device is requesting service.
It may be programmed to be level sensitive or negative-edge-
triggered. If level-sensitive triggering is selected, an external pull
up resistor is required for wired-OR operation.
RESET
Input
Input
Reset
—This input is a direct hardware reset on the processor.
When RESET is asserted low, the DSP is initialized and placed in
the Reset state. A Schmitt trigger input is used for noise immunity.
When the RESET signal is deasserted, the initial chip operating
mode is latched from MODA and MODB. The internal reset signal
is deasserted synchronously with the internal clocks.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com