Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR9/D Datasheet(PDF) 14 Page - NXP Semiconductors

Part # APR9/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR9/D Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button APR9/D Datasheet HTML 10Page - NXP Semiconductors APR9/D Datasheet HTML 11Page - NXP Semiconductors APR9/D Datasheet HTML 12Page - NXP Semiconductors APR9/D Datasheet HTML 13Page - NXP Semiconductors APR9/D Datasheet HTML 14Page - NXP Semiconductors APR9/D Datasheet HTML 15Page - NXP Semiconductors APR9/D Datasheet HTML 16Page - NXP Semiconductors APR9/D Datasheet HTML 17Page - NXP Semiconductors APR9/D Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 101 page
background image
1-8
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Host Interface (HI) Port
HOST INTERFACE (HI) PORT
Table 1-9
HI Signals
Signal
Name
Signal
Type
State
during
Reset
Signal Description
H0–H7
PB0–PB7
Input/
Output
Input or
Output
Tri-stated Host Data Bus (H0–H7)—This data bus transfers data between the
host processor and the DSP56001A. When configured as a Host
Interface port, the H0–H7 signals are tri-stated as long as HEN is
deasserted. The signals are inputs unless HR/W is high and HEN is
asserted, in which case H0–H7 become outputs, allowing the host
processor to read the DSP56001A data. H0–H7 become outputs when
HACK is asserted during HREQ assertion.
Port B GPIO 0–7 (PB0–PB7)
—These signals are GPIO signals (PB0–
PB7) when the Host Interface is not selected.
After reset, the default state for these signals is GPIO input.
HA0–HA2
PB8–PB10
Input
Input or
Output
Tri-stated Host Address 0 – Host Address 2 (HA0–HA2)—These inputs
provide the address selection for each Host Interface register.
Port B GPIO 8–10 (PB8–PB10)
—These signals are GPIO signals (PB8–
PB10) when the Host Interface is not selected.
After reset, the default state for these signals is GPIO input.
HR/W
PB11
Input
Input or
Output
Tri-stated Host Read/Write—This input selects the direction of data transfer for
each host processor access. If HR/W is high and HEN is asserted, H0–
H7 are outputs and DSP data is transferred to the host processor. If
HR/W is low and HEN is asserted, H0–H7 are inputs and host data is
transferred to the DSP. HR/W must be stable when HEN is asserted.
Port B GPIO 11 (PB11)
—This signal is a GPIO signal called PB11
when the Host Interface is not being used.
After reset, the default state for this signal is GPIO input.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com