Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR9/D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # APR9/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR9/D Datasheet(HTML) 3 Page - NXP Semiconductors

  APR9/D Datasheet HTML 1Page - NXP Semiconductors APR9/D Datasheet HTML 2Page - NXP Semiconductors APR9/D Datasheet HTML 3Page - NXP Semiconductors APR9/D Datasheet HTML 4Page - NXP Semiconductors APR9/D Datasheet HTML 5Page - NXP Semiconductors APR9/D Datasheet HTML 6Page - NXP Semiconductors APR9/D Datasheet HTML 7Page - NXP Semiconductors APR9/D Datasheet HTML 8Page - NXP Semiconductors APR9/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 101 page
background image
DSP56001A
DSP56001A Features
MOTOROLA
DSP56001A/D, Rev. 1
iii
DSP56001A FEATURES
Digital Signal Processing Core
Efficient, object code compatible, 24-bit 56000 family DSP engine
Up to 16.5 Million Instructions Per Second (MIPS)—60.6 ns instruction cycle at 33 MHz
Up to 99 Million Operations Per Second (MOPS) at 33 MHz
Executes a 1024-point complex Fast Fourier Transform (FFT) in 59,898 clocks
Highly parallel instruction set with unique DSP addressing modes
Two 56-bit accumulators including extension byte
Parallel 24
× 24-bit multiply-accumulate in 1 instruction cycle (2 clock cycles)
Double precision 48
× 48-bit multiply with 96-bit result in 6 instruction cycles
56-bit addition/subtraction in 1 instruction cycle
Fractional arithmetic with support for multiprecision arithmetic
Hardware support for block-floating point FFT
Hardware nested DO loops
Zero-overhead fast interrupts (2 instruction cycles)
Four 24-bit internal data buses and three 16-bit internal address buses for maximum
information transfer on-chip
Memory
On-chip modified Harvard architecture permitting simultaneous accesses to program
and two data memories
512
× 24-bit on-chip Program RAM and 64 × 24-bit bootstrap ROM
Two 256
× 24-bit on-chip data RAMs
Two 256
× 24-bit on-chip data ROMs containing sine, A-law and µ-law tables
External memory expansion with 16-bit address and 24-bit data buses
Bootstrap loading from external data bus or Host Interface
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com