Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BC846
Description  NPN general purpose transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC846 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BC846 Datasheet HTML 2Page - NXP Semiconductors BC846 Datasheet HTML 3Page - NXP Semiconductors BC846 Datasheet HTML 4Page - NXP Semiconductors BC846 Datasheet HTML 5Page - NXP Semiconductors BC846 Datasheet HTML 6Page - NXP Semiconductors BC846 Datasheet HTML 7Page - NXP Semiconductors BC846 Datasheet HTML 8Page - NXP Semiconductors BC846 Datasheet HTML 9Page - NXP Semiconductors BC846 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2004 Feb 06
6
Philips Semiconductors
Product specification
NPN general purpose transistors
BC846; BC847; BC848
handbook, halfpage
MGT727
10−1
110
102
103
IC (mA)
0
600
500
400
300
200
100
hFE
(1)
(2)
(3)
Fig.6
DC current gain as a function of collector
current; typical values.
BC847B; VCE =5V.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
0
1200
1000
800
600
400
200
MGT728
10−2
10−1
110
102
103
IC (mA)
VBE
(mV)
(1)
(2)
(3)
Fig.7
Base-emitter voltage as a function of
collector current; typical values.
BC847B; VCE =5V.
(1) Tamb = −55 °C.
(2) Tamb =25 °C.
(3) Tamb = 150 °C.
handbook, halfpage
104
103
102
10
MGT729
10−1
110
102
103
IC (mA)
VCEsat
(mV)
(1)
(2)
(3)
Fig.8
Collector-emitter saturation voltage as a
function of collector current; typical values.
BC847B; IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
MGT730
10−1
110
102
103
IC (mA)
0
1200
1000
800
600
400
200
VBEsat
(mV)
(1)
(2)
(3)
Fig.9
Base-emitter saturation voltage as a
function of collector current; typical values.
BC847B; IC/IB = 10.
(1) Tamb = −55 °C.
(2) Tamb =25 °C.
(3) Tamb = 150 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com