Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC846
Description  NPN general purpose transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC846 Datasheet(HTML) 2 Page - NXP Semiconductors

  BC846 Datasheet HTML 1Page - NXP Semiconductors BC846 Datasheet HTML 2Page - NXP Semiconductors BC846 Datasheet HTML 3Page - NXP Semiconductors BC846 Datasheet HTML 4Page - NXP Semiconductors BC846 Datasheet HTML 5Page - NXP Semiconductors BC846 Datasheet HTML 6Page - NXP Semiconductors BC846 Datasheet HTML 7Page - NXP Semiconductors BC846 Datasheet HTML 8Page - NXP Semiconductors BC846 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2004 Feb 06
2
Philips Semiconductors
Product specification
NPN general purpose transistors
BC846; BC847; BC848
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 65 V).
APPLICATIONS
• General purpose switching and amplification.
DESCRIPTION
NPN transistor in a SOT23 plastic package.
PNP complements: BC856, BC857 and BC858.
MARKING
Note
1. * = p: made in Hong Kong.
* = t: made in Malaysia.
* = W: made in China.
PINNING
TYPE NUMBER
MARKING CODE(1)
BC846
1D*
BC846A
1A*
BC846B
1B*
BC847
1H*
BC847A
1E*
BC847B
1F*
BC847C
1G*
BC848B
1K*
PIN
DESCRIPTION
1
base
2
emitter
3
collector
handbook, halfpage
2
1
3
MAM255
Top view
2
3
1
Fig.1
Simplified outline (SOT23) and symbol.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BC846
−
plastic surface mounted package; 3 leads
SOT23
BC846A
BC846B
BC847
BC847A
BC847B
BC847C
BC848B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com