Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE960R2 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # NE960R2
Description  N-CHANNEL GaAs MES FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE960R2 Datasheet(HTML) 5 Page - Renesas Technology Corp

  NE960R2 Datasheet HTML 1Page - Renesas Technology Corp NE960R2 Datasheet HTML 2Page - Renesas Technology Corp NE960R2 Datasheet HTML 3Page - Renesas Technology Corp NE960R2 Datasheet HTML 4Page - Renesas Technology Corp NE960R2 Datasheet HTML 5Page - Renesas Technology Corp NE960R2 Datasheet HTML 6Page - Renesas Technology Corp NE960R2 Datasheet HTML 7Page - Renesas Technology Corp NE960R2 Datasheet HTML 8Page - Renesas Technology Corp NE960R2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet PG10025EJ02V0DS
3
NE960R2 SERIES
TYPICAL CHARACTERISTICS (TA = +25
°C)
30
25
20
15
10
60
45
30
15
0
510
15
f = 14.5 GHz (1 tone),
VDS = 9 V, IDset = 90 mA
Rg = 1 k
20
25
OUTPUT POWER AND POWER ADDED EFFICIENCY vs. INPUT POWER
5
10152025
5
10152025
200
150
100
50
0
14
12
10
8
6
DRAIN CURRENT AND GAIN vs. INPUT POWER
Input Power Pin (dBm)
GATE CURRENT vs. INPUT POWER
Input Power Pin (dBm)
Input Power Pin (dBm)
1.5
1.0
0.5
0.0
–0.5
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com