Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE960R2 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # NE960R2
Description  N-CHANNEL GaAs MES FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE960R2 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button NE960R2 Datasheet HTML 2Page - Renesas Technology Corp NE960R2 Datasheet HTML 3Page - Renesas Technology Corp NE960R2 Datasheet HTML 4Page - Renesas Technology Corp NE960R2 Datasheet HTML 5Page - Renesas Technology Corp NE960R2 Datasheet HTML 6Page - Renesas Technology Corp NE960R2 Datasheet HTML 7Page - Renesas Technology Corp NE960R2 Datasheet HTML 8Page - Renesas Technology Corp NE960R2 Datasheet HTML 9Page - Renesas Technology Corp NE960R2 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Data Sheet PG10025EJ02V0DS
6
NE960R2 SERIES
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered under the following recommended conditions.
For soldering methods and
conditions other than those recommended below, contact your nearby sales office.
Soldering Method
Soldering Conditions
Condition Symbol
Partial Heating
Peak temperature (pin temperature)
: 350
°C or below
Soldering time (per pin of device)
: 3 seconds or less
Maximum chlorine content of rosin flux (% mass) : 0.2 % (Wt.) or below
HS350-P3
Caution Do not use different soldering methods together (except for partial heating).
CHIP HANDLING
DIE ATTACHMENT
Die attach can be accomplished with a Au-Sn (300
±10°C) performs in a forming gas environment. Epoxy die
attach is not recommended.
BONDING
Gate and drain bonding wires should be minimum length, semi-hard gold wire (3 to 8 % elongation) 30 microns or
less in diameter.
Bonding should be performed with a wedge tip that has a taper of approximately 15 %.
Die attach and bonding time should be kept to a minimum. As a general rule, the bonding operation should be
kept within a 280
°C_5 minute curve. If longer periods are required, the temperature should be lowered.
PRECAUTIONS
The user must operate in a clean, dry environment.
The chip channel is glassivated for mechanical protection only and does not preclude the necessity of a clean
environment.
The bonding equipment should be periodically checked for sources of surge voltage and should be properly
grounded at all times. In fact, all test and handling equipment should be grounded to minimize the possibilities of
static discharge.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com