Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS321J Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BAS321J
Description  High-voltage switching diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS321J Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BAS321J Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS321J Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS321J Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS321J Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS321J Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS321J Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS321J Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS321J Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS321J Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
BAS321J
High-voltage switching diode
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 100 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
-
1
V
VF
forward voltage
IF = 200 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
-
1.25
V
VR = 200 V; pulsed; Tj = 25 °C
-
-
100
nA
IR
reverse current
VR = 200 V; pulsed; Tj = 150 °C
-
-
100
µA
Cd
diode capacitance
VR = 0 V; f = 1 MHz; Tj = 25 °C
-
-
2
pF
trr
reverse recovery time
IF = 30 mA; IR = 30 mA; RL = 100 Ω;
IR(meas) = 3 mA; Tj = 25 °C
-
-
50
ns
VF (V)
0
2.0
1.5
0.5
1.0
aaa-028258
0.2
0.3
0.1
0.4
0.5
IF
(A)
0
(1)
(4)
(3)
(2)
(1) Tamb = 150° C
(2) Tamb = 85° C
(3) Tamb = 25° C
(4) Tamb = -40° C
Fig. 3. Forward current as a function of forward
voltage; typical values; (linear scale)
aaa-028259
10-2
10-3
10-1
1
IF
(A)
10-4
VF (V)
0
1.75
1.25 1.50
1.00
0.75
0.25 0.50
(1) (2) (3) (4)
(1) Tj = 150° C
(2) Tj = 85° C
(3) Tj = 25° C
(4) Tj = -40° C
Fig. 4. Forward current as a function of forward
voltage; typical values; (logarithmic scale)
BAS321J
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
23 March 2018
5 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com