Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLCT30 Datasheet(PDF) 5 Page - Pepperl+Fuchs Inc.

Part # SLCT30
Description  Safety light curtain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

SLCT30 Datasheet(HTML) 5 Page - Pepperl+Fuchs Inc.

  SLCT30 Datasheet HTML 1Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 2Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 3Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 4Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 5Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 6Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Application
Technical Features
Table 1: Response Time
Protection field height [mm]
Response time [ms]
100
8
200
10
300
11
400
12
500
14
600
15
700
16
800
17
900
19
1000
20
1100
21
1200
23
1300
24
1400
25
1500
26
1600
28
1700
29
1800
30
1900
32
2000
33
2100
34
2200
35
2300
37
2400
38
Table 2: Total Length and Weight
Protection field height [mm]
Total length of transmitter/receiver unit
[mm]
Weight of transmitter/receiver unit [g]
100
219
140
200
319
200
300
419
250
400
519
310
500
619
370
600
719
430
700
819
480
800
919
540
900
1019
600
1000
1119
650
1100
1219
710
1200
1319
760
1300
1425
820
1400
1525
880
1500
1625
940
1600
1725
990
Safety light curtain
SLCT30
5
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com