Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLCT30 Datasheet(PDF) 7 Page - Pepperl+Fuchs Inc.

Part # SLCT30
Description  Safety light curtain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

SLCT30 Datasheet(HTML) 7 Page - Pepperl+Fuchs Inc.

  SLCT30 Datasheet HTML 1Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 2Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 3Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 4Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 5Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 6Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Accessories
OMH-SLCT-110-1500
Mounting base for floor mounting with rear panel and cover plate
OMH-SLCT-110-2100
Mounting base for floor mounting with rear panel and cover plate
OMH-SLCT-120-1200
Side protection for mounting base
OMH-SLCT-120-1500
Side protection for mounting base
OMH-SLCT-120-2100
Side protection for mounting base
OMH-SLCT-120-2500
Side protection for mounting base
OMH-SLCT-200
Floor mount
SLCT-M-01-1200
Inclined mirror for stable 90° deflection with cover plate
SLCT-M-01-1500
Inclined mirror for stable 90° deflection with cover plate
SLCT-M-01-2100
Inclined mirror for stable 90° deflection with cover plate
OMH-SLCT-10
Clamp mounting suitable for 6 mm ... 11.5 mm groove
OMH-SLCT-11
Reverse clamp mounting suitable for 8.5 mm ... 10.5 mm groove
OMH-SLCT-12-500
Mounting bracket, muting arm with round rod d=12 mm
OMH-SLCT-01
Quick clamp and adjustment system
OMH-SLCT-02
Attachment aid for OMH-SLCT-01
OMH-SLCT-03
Mounting bracket including adjustment
OMH-SLCT-04
Mounting bracket including adjustment (with loose bearing)
OMH-SLCT-05
Mounting bracket including adjustment
OMH-SLCT-06
Swivel Bracket
Safety light curtain
SLCT30
7
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com