Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB2201K Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # VB2201K
Description  P-Channel 200V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VB2201K Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VB2201K Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VB2201K Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VB2201K Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VB2201K Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VB2201K Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VB2201K Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VB2201K
www.VBsemi.com
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = - 250 µA
- 200
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 2.5
- 4.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 200 V, VGS = 0 V
- 1
µA
VDS = - 200 V, VGS = 0 V, TJ = 55 °C
- 10
On-State Drain Currenta
ID(on)
VDS  - 15 V, VGS = 10 V
- 1.0
A
Drain-Source On-Resistancea
RDS(on)
VGS  - 10 V, ID = - 0.5 A
0.80
VGS = - 6.0 V, ID = - 0.5 A
0.90
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 0.5 A
1.8
S
Diode Forward Voltage
VSD
IS = - 1.0 A, VGS = 0 V
- 0.85
- 1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = - 100 V, VGS = 10 V
ID  - 0.5 A
8.0
12
nC
Gate-Source Charge
Qgs
1.3
Gate-Drain Charge
Qgd
2.5
Gate Resistance
Rg
f = 1.0 MHz
8.0

Input Capacitance
Ciss
VDS = - 25 V, VGS = 0 V, f = 1 MHz
370
510
pF
Output Capacitance
Coss
28
Reverse Transfer Capacitance
Crss
16
Switchingc
Turn-On Time
td(on)
VDD = - 100 V, RL = 100 
ID  - 1.0 A, VGEN = - 10 V
Rg = 6 
8
12
ns
tr
11
17
Turn-Off Time
td(off)
16
25
tf
11
17
Body Diode Reverse Recovery Charge
Qrr
IF = 0.5 A, dI/dt = 100 A/µs
140
200
nC
Notes:
a. Pulse test: PW
 300 µs duty cycle  2 %.
b. For DESIGN AID ONLY, not subject to production testing.
c. Switching time is essentially independent of operating temperature.
Stresses beyond those listed under
“Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
2
Ω
Ω
Ω
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com