Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB2201K Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # VB2201K
Description  P-Channel 200V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VB2201K Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  VB2201K Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VB2201K Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VB2201K Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VB2201K Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VB2201K Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VB2201K Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
2.5
2.0
1.5
1.0
0.5
1.0
0.8
0.6
0.4
0.2
0.0
0
2
4
6
8
10
VDS - Drain-to-Source Voltage (V)
Output Characteristics
0.0
0
1
2
3
4
5
VGS - Gate-to-Source Voltage (V)
Transfer Characteristics
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
500
400
300
200
100
0.0
0.0
0.2
0.4
0.6
0.8
1.0
ID - Drain Current (A)
On-Resistance vs. Drain Current
0
0
30
60
90
120
150
VDS - Drain-to-Source Voltage (V)
Capacitance
10
2.2
8
1.9
1.6
6
1.3
4
1.0
2
0.7
0
0
1
2
3
4
5
6
7
8
Qg - Total Gate Charge (nC)
Gate Charge
0.4
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
On-Resistance vs. Junction Temperature
VGS = 10 thru 5 V
4 V
VGS = 10 V
ID = 0.5 A
TC = 125 °C
25 °C
- 55 °C
VGS = 6 V
VGS = 10 V
Ciss
Crss
Coss
VDS = 10 V
ID = 0.5 A
VB2201K
www.VBsemi.com
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com