Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8769 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8769
Description  12-bit, 60/80/105 Msps Analog-to-Digital Converter (ADC) Nyquist/high IF sampling
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8769 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8769 Datasheet HTML 9Page - NXP Semiconductors TDA8769 Datasheet HTML 10Page - NXP Semiconductors TDA8769 Datasheet HTML 11Page - NXP Semiconductors TDA8769 Datasheet HTML 12Page - NXP Semiconductors TDA8769 Datasheet HTML 13Page - NXP Semiconductors TDA8769 Datasheet HTML 14Page - NXP Semiconductors TDA8769 Datasheet HTML 15Page - NXP Semiconductors TDA8769 Datasheet HTML 16Page - NXP Semiconductors TDA8769 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
2003 Dec 09
13
Philips Semiconductors
Objective specification
12-bit, 60/80/105 Msps Analog-to-Digital Converter
(ADC) Nyquist/high IF sampling
TDA8769
handbook, full pagewidth
VI
CKP
0.5 V
n
D0 to D11
VCCO − 0.5 V
50%
data
n
− 1
data
n
data
n
+ 1
td(o)
tds(i)
th(o)
MDB034
sample
n
sample
n
+ 1
sample
n
+ 2
sample
n
+ 3
sample
n
+ 4
Fig.3 Output timing diagram.
handbook, full pagewidth
MBL874
D0 to D11
CCS
td(CCS)
Fig.4 Complete conversion signal timing diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com