Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8769 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8769
Description  12-bit, 60/80/105 Msps Analog-to-Digital Converter (ADC) Nyquist/high IF sampling
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8769 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8769 Datasheet HTML 17Page - NXP Semiconductors TDA8769 Datasheet HTML 18Page - NXP Semiconductors TDA8769 Datasheet HTML 19Page - NXP Semiconductors TDA8769 Datasheet HTML 20Page - NXP Semiconductors TDA8769 Datasheet HTML 21Page - NXP Semiconductors TDA8769 Datasheet HTML 22Page - NXP Semiconductors TDA8769 Datasheet HTML 23Page - NXP Semiconductors TDA8769 Datasheet HTML 24Page - NXP Semiconductors TDA8769 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
2003 Dec 09
21
Philips Semiconductors
Objective specification
12-bit, 60/80/105 Msps Analog-to-Digital Converter
(ADC) Nyquist/high IF sampling
TDA8769
11.5
Definitions
11.5.1
STATIC PARAMETERS
11.5.1.1
Integral non-linearity (INL)
INL is defined as the deviation of the transfer function from
a best fit straight line (linear regression computation). The
INL of code i is obtained from the following equation:
where:
i = code value
Vin = input voltage for code i
S = slope of the ideal straight line (code width).
11.5.1.2
Differential non-linearity (DNL)
DNL is the deviation in code width from the value of one
LSB. The DNL of code i is obtained from the following
equation:
where:
i=0to2n
− 2
Vin = input voltage for code i
S = slope of the ideal straight line.
11.5.2
DYNAMIC PARAMETERS
Figure 15 shows the spectrum of a single tone full-scale
input sine wave with frequency ft, conforming to coherent
sampling and digitized by the ADC under test. Coherent
sampling means that
, where M is the number of
cycles, N the number of samples and both M and N being
a relative prime.
Remark: The parameter Pnoise used in the following
equations includes the power of the random noise,
non-linearities, sampling time errors and quantization
noise.
INL i
()
V
in i
() V
in ideal
()
–
S
----------------------------------------------
=
DNL i
()
V
in i1
+
() V
in i
()
–
S
---------------------------------------------
=
f
t
f
s
----
M
N
-----
=
handbook, full pagewidth
MBL882
0
0
measured output range (MHz)
2.5
magnitude
−20
−40
−60
−80
−100
−120
−160
5
7.5
10
12.5
15
17.5
20
22.5
25
27
−140
IMD3
Fig.15 Spectrum of a full-scale input sine wave with frequency ft.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com