Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH812 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH812
Description  Ultrafast recovery - 1200 V diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH812 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH812 Datasheet HTML 1Page - STMicroelectronics STTH812 Datasheet HTML 2Page - STMicroelectronics STTH812 Datasheet HTML 3Page - STMicroelectronics STTH812 Datasheet HTML 4Page - STMicroelectronics STTH812 Datasheet HTML 5Page - STMicroelectronics STTH812 Datasheet HTML 6Page - STMicroelectronics STTH812 Datasheet HTML 7Page - STMicroelectronics STTH812 Datasheet HTML 8Page - STMicroelectronics STTH812 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
March 2006
Rev 1
1/11
11
STTH812
Ultrafast recovery - 1200 V diode
Main product characteristics
Features and benefits
Ultrafast, soft recovery
Very low conduction and switching losses
High frequency and/or high pulsed current
operation
High reverse voltage capability
High junction temperature
Insulated packages:
– TO-220Ins
Electrical insulation = 2500 VRMS
Capacitance = 7 pF
– TO-220FPAC
Electrical insulation = 2000 VRMS
Capacitance = 12 pF
Description
The high quality design of this diode has
produced a device with low leakage current,
regularly reproducible characteristics and intrinsic
ruggedness. These characteristics make it ideal
for heavy duty applications that demand long term
reliability.
Such demanding applications include industrial
power supplies, motor control, and similar
mission-critical systems that require rectification
and freewheeling. These diodes also fit into
auxiliary functions such as snubber, bootstrap,
and demagnetization applications.
The improved performance in low leakage current,
and therefore thermal runaway guard band, is an
immediate competitive advantage for this device.
Order codes
IF(AV)
8 A
VRRM
1200 V
Tj
175° C
VF (typ)
1.25 V
trr (typ)
50 ns
Part Number
Marking
STTH812D
STTH812D
STTH812G
STTH812G
STTH812G-TR
STTH812G
STTH812FP
STTH812FP
STTH812DI
STTH812DI
K
A
TO-220FPAC
STTH812FP
D2PAK
STTH812G
TO-220AC
STTH812D
K
K
A
A
K
A
NC
A
K
TO-220Ins
STTH812DI
www.st.com


Similar Part No. - STTH812

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
STTH812D THINKISEMI-STTH812D Datasheet
644Kb / 3P
10 Ampere,1200 Volt SwitchMode Single Fast Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
STTH812D ISC-STTH812D Datasheet
317Kb / 2P
Ultrafast Recovery Rectifier
More results

Similar Description - STTH812

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML50EUZ12B SEME-LAB-SML50EUZ12B Datasheet
47Kb / 2P
Enhanced Ultrafast Recovery Diode 1200 Volt, 50 Amp
logo
STMicroelectronics
STTH312 STMICROELECTRONICS-STTH312 Datasheet
148Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH3012 STMICROELECTRONICS-STTH3012 Datasheet
121Kb / 9P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH512 STMICROELECTRONICS-STTH512 Datasheet
125Kb / 10P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH6012 STMICROELECTRONICS-STTH6012 Datasheet
111Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH9012TV STMICROELECTRONICS-STTH9012TV Datasheet
146Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH12012TV STMICROELECTRONICS-STTH12012TV Datasheet
146Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH1212 STMICROELECTRONICS-STTH1212 Datasheet
129Kb / 9P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH1512 STMICROELECTRONICS-STTH1512 Datasheet
148Kb / 11P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH6112TV STMICROELECTRONICS-STTH6112TV Datasheet
151Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com