Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH812 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH812
Description  Ultrafast recovery - 1200 V diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH812 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH812 Datasheet HTML 1Page - STMicroelectronics STTH812 Datasheet HTML 2Page - STMicroelectronics STTH812 Datasheet HTML 3Page - STMicroelectronics STTH812 Datasheet HTML 4Page - STMicroelectronics STTH812 Datasheet HTML 5Page - STMicroelectronics STTH812 Datasheet HTML 6Page - STMicroelectronics STTH812 Datasheet HTML 7Page - STMicroelectronics STTH812 Datasheet HTML 8Page - STMicroelectronics STTH812 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STTH812
Characteristics
3/11
Table 4.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
trr
Reverse recovery time
IF = 1 A, dIF/dt = -50 A/µs,
VR = 30 V, Tj = 25° C
100
ns
IF = 1 A, dIF/dt = -100 A/µs,
VR = 30 V, Tj = 25° C
50
70
IRM
Reverse recovery current
IF = 8 A, dIF/dt = -200 A/µs,
VR = 600 V, Tj = 125° C
14
21
A
S
Softness factor
IF = 8 A, dIF/dt = -200 A/µs,
VR = 600 V, Tj = 125° C
2
tfr
Forward recovery time
IF = 8 A
dIF/dt = 50 A/µs
VFR = 1.5 x VFmax, Tj = 25° C
400
ns
VFP
Forward recovery voltage
IF = 8 A, dIF/dt = 50 A/µs,
Tj = 25° C
7V
Figure 1.
Conduction losses versus
average current
Figure 2.
Forward voltage drop versus
forward current
0
2
4
6
8
10
12
14
16
18
20
01
2
3
456
7
8
9
10
P(W)
T
δ=tp/T
tp
δ = 0.05
δ = 1
I
(A)
F(AV)
δ = 0.1
δ = 0.2
δ = 0.5
0
10
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
I
(A)
FM
V
(V)
FM
T =25°C
(maximum values)
j
T =150°C
(maximum values)
j
T =150°C
(typical values)
j
Figure 3.
Relative variation of thermal
impedance junction to case
versus pulse duration
Figure 4.
Relative variation of thermal
impedance junction to case versus
pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Z/R
th(j-c)
th(j-c)
t (s)
p
Single pulse
TO-220AC
DPAK
TO-220Ins
2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z/R
th(j-c)
th(j-c)
t (s)
p
Single pulse
TO-220FPAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com