Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS316/DG Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BAS316/DG
Description  High-speed switching diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS316/DG Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAS316/DG Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS316/DG Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS316/DG Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS316/DG Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS316/DG Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS316/DG Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS316/DG Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS316/DG Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS316/DG Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Nexperia
BAS316
High-speed switching diode
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 1 mA
[1]
-
-
715
mV
IF = 10 mA
[1]
-
-
855
mV
IF = 50 mA
[1]
-
-
1
V
VF
forward voltage
IF = 150 mA
[1]
-
-
1.25
V
VR = 25 V; Tj = 25 °C
-
-
30
nA
VR = 80 V; Tj = 25 °C
-
-
0.5
µA
VR = 25 V; Tj = 150 °C
-
-
30
µA
IR
reverse current
VR = 80 V; Tj = 150 °C
-
-
50
µA
Cd
diode capacitance
VR = 0 V; f = 1 MHz; Tj = 25 °C
-
-
1.5
pF
trr
reverse recovery time
IF = 10 mA; IR = 10 mA; RL = 100 Ω;
IR(meas) = 1 mA; Tamb = 25 °C
-
-
4
ns
VFRM
peak forward recovery
voltage
IF = 10 mA; tr = 20 ns
-
-
1.75
V
[1] Pulsed test: tp ≤ 300 μs; δ ≤ 0.02
006aab132
1
10
102
103
IF
(mA)
10-1
VF (V)
0
1.4
1.0
0.4
0.8
0.2
1.2
0.6
(1) (2) (3) (4)
(1) Tamb = 150 °C
(2) Tamb = 85 °C
(3) Tamb = 25 °C
(4) Tamb = -40 °C
Fig. 1. Forward current as a function of forward
voltage; typical values
mbg704
10
1
102
IFSM
(A)
10-1
tp (µs)
1
104
103
10
102
Based on square wave currents.
Tj(init) = 25 °C
Fig. 2. Non-repetitive peak forward current as a
function of pulse duration; typical values
BAS316
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2022. All rights reserved
Product data sheet
1 July 2022
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com